Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9102AF Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # DM9102AF
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AF Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button DM9102AF Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9102AF Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
51
Version: DM9102A-DS-F03
August 28, 2000
Bit 5: FT, Frame Type
It is set to indicate the received frame is the Ethernet-type. It
is reset to indicate the received frame is the EEE802.3- type.
Valid only when ED is set
Bit 4: RWT, Receive Watchdog Time-Out
It is set to indicate receive Watchdog time-out during the
frame reception. CR5<9> will also be set. Valid only when
ED is set.
Bit 3: PLE, Physical Layer Error
It is set to indicate a physical layer error found during the
frame reception.
Bit 2: AE, Alignment Error
It is set to indicate the received frame ends with a non-byte
boundary.
Bit 1: CE, CRC Error
It is set to indicate the received frame ends with a CRC
error. Valid only when ED is set.
Bit 0: FOE, FIFO Overflow Error
This bit is valid for Ending Descriptor is set. (ED = 1). It is set
to indicate a FIFO Overflow error happens during the frame
reception.
RDES1: Descriptor Status and Buffer Size
31 30 29 28 27 26 25 24 23 22
21 ~ 11
10 ~ 0
CE
Buffer Length
Bit 24: CE, Chain Enable
Must be 1.
Bit 10-0: Buffer Length
Indicates the size of the buffer.
RDES2: Buffer Starting Address
Indicates the physical starting address of buffer. This address must be double word alignment.
31
0
Buffer Address
IRDES3: Next descriptor Address
Indicates the physical starting address of the chained descriptor under the Chain descriptor structure.
This address must be eight word alignment.
31
0
Next descriptor Address
(b). Transmit Descriptor Format
Each transmit descriptor has four double-word content
and may be read or written by the host or by the DM9102A.
The descriptor format is shown below with detailed
description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com