Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4141CD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4141CD
Description  HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4141CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4141CD Datasheet HTML 5Page - Texas Instruments THS4141CD Datasheet HTML 6Page - Texas Instruments THS4141CD Datasheet HTML 7Page - Texas Instruments THS4141CD Datasheet HTML 8Page - Texas Instruments THS4141CD Datasheet HTML 9Page - Texas Instruments THS4141CD Datasheet HTML 10Page - Texas Instruments THS4141CD Datasheet HTML 11Page - Texas Instruments THS4141CD Datasheet HTML 12Page - Texas Instruments THS4141CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
THS4140, THS4141
HIGHSPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS320E − MAY 2000 − REVISED JANUARY 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
2
1.80
1.60
1.50
0
50
100
150
2.10
2.30
2.40
200
250
300
2.20
1.90
1.70
Rf = 510 Ω,
CF = 1 pF,
VO(PP) = 4 V,
VCC = 5 V,
Small Scale
19 ns to 1%
96 ns to 0.1%
304 ns to 0.01%
SETTLING TIME
t − Time − ns
1
100
10
100
1 K
10 K
100 K
f − Frequency − Hz
VOLTAGE NOISE
vs
FREQUENCY
Figure 15
10
Figure 16
0
0.5
1
1.5
2
2.5
3
−12
−9
−6
−3
0369
12
VCC = ±5 V
VCC = ±2.5 V
VCC = ±15 V
SINGLE-ENDED INPUT OFFSET VOLTAGE
vs
COMMON-MODE OUTPUT VOLTAGE
VOCM − Common-Mode Output Voltage − V
Rf = 1 kΩ,
RL = 800 Ω,
G = 1
−15
−10
−5
0
5
10
15
100
1k
10 k
100 k
OUTPUT VOLTAGE
vs
DIFFERENTIAL LOAD RESISTANCE
RL − Differential Load Resistance − Ω
Rf = 1 kΩ
G = 2
VCC = ±15 V
Figure 17
VCC = ±5 V
VCC = − ±5 V
VCC = − ±15 V
VOUT+
VOUT−
VOUT+
VOUT−
VOUT−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com