Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4141CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4141CD
Description  HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4141CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4141CD Datasheet HTML 8Page - Texas Instruments THS4141CD Datasheet HTML 9Page - Texas Instruments THS4141CD Datasheet HTML 10Page - Texas Instruments THS4141CD Datasheet HTML 11Page - Texas Instruments THS4141CD Datasheet HTML 12Page - Texas Instruments THS4141CD Datasheet HTML 13Page - Texas Instruments THS4141CD Datasheet HTML 14Page - Texas Instruments THS4141CD Datasheet HTML 15Page - Texas Instruments THS4141CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
THS4140, THS4141
HIGHSPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS320E − MAY 2000 − REVISED JANUARY 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
data converters
Data converters are one of the most popular applications for the fully differential amplifiers. The following
schematic shows a typical configuration of a fully differential amplifier attached to a differential ADC.
VIN
−
+
−
+
DVDD
VOCM
AVSS
AVDD
AIN2
AIN1
VDD
Vref
5 V
VCC
0.1
µF
−5 V
VCC−
Figure 22. Fully Differential Amplifier Attached to a Differential ADC
Fully differential amplifiers can operate with a single supply. VOCM defaults to the midrail voltage, VCC/2. The
differential output may be fed into a data converter. This method eliminates the use of a transformer in the circuit.
If the ADC has a reference voltage output (Vref), then it is recommended to connect it directly to the VOCM of
the amplifier using a bypass capacitor for stability. For proper operation, the input common-mode voltage to the
input terminal of the amplifier should not exceed the common-mode input voltage range.
VIN
−
+
−
+
DVDD
VOCM
AVSS
AVDD
AIN2
AIN1
VDD
Vref
5 V
VCC
0.1
µF
Figure 23. Fully Differential Amplifier Using a Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com