Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4141CD Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS4141CD
Description  HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4141CD Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS4141CD Datasheet HTML 15Page - Texas Instruments THS4141CD Datasheet HTML 16Page - Texas Instruments THS4141CD Datasheet HTML 17Page - Texas Instruments THS4141CD Datasheet HTML 18Page - Texas Instruments THS4141CD Datasheet HTML 19Page - Texas Instruments THS4141CD Datasheet HTML 20Page - Texas Instruments THS4141CD Datasheet HTML 21Page - Texas Instruments THS4141CD Datasheet HTML 22Page - Texas Instruments THS4141CD Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
THS4140, THS4141
HIGHSPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS320E − MAY 2000 − REVISED JANUARY 2004
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
power-down mode
The power-down mode is used when power saving is required. The power-down terminal (PD) found on the
THS414x is an active low terminal. If it is left as a no-connect terminal, the device will always stay on due to an
internal 50 k
Ω resistor to VCC. The threshold voltage for this terminal is approximately 1.4 V above VCC−. This
means that if the PD terminal is 1.4 V above VCC−, the device is active. If the PD terminal is less than 1.4 V above
VCC−, the device is off. For example, if VCC− = −5 V, then the device is on when PD reaches 3.6 V, (-5 V + 1.4
V = −3.6 V). By the same calculation, the device is off below −3.6 V. It is recommended to pull the terminal to
VCC− in order to turn the device off. The following graph shows the simplified version of the power-down circuit.
While in the power-down state, the amplifier goes into a high-impedance state. The amplifier output impedance
is typically greater than 1 M
Ω in the power-down state.
VCC
PD
VCC−
To Internal Bias
Circuitry Control
50 k
Ω
Figure 33. Simplified Power-Down Circuit
Due to the similarity of the standard inverting amplifier configuration, the output impedance appears to be very
low while in the power-down state. This is because the feedback resistor (Rf) and the gain resistor (R(g)) are
still connected to the circuit. Therefore, a current path is allowed between the input of the amplifier and the output
of the amplifier. An example of the closed-loop output impedance is shown in Figure 34.
Figure 34
200
1200
2200
10 k
100 k
1 M
10 M
100 M
f − Frequency − Hz
THS4141
OUTPUT IMPEDANCE (IN SHUTDOWN)
vs
FREQUENCY
VCC = ±5 V,
VI = 0.8 VPP RMS
PD = VCC−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com