Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4141CD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4141CD
Description  HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4141CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4141CD Datasheet HTML 6Page - Texas Instruments THS4141CD Datasheet HTML 7Page - Texas Instruments THS4141CD Datasheet HTML 8Page - Texas Instruments THS4141CD Datasheet HTML 9Page - Texas Instruments THS4141CD Datasheet HTML 10Page - Texas Instruments THS4141CD Datasheet HTML 11Page - Texas Instruments THS4141CD Datasheet HTML 12Page - Texas Instruments THS4141CD Datasheet HTML 13Page - Texas Instruments THS4141CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
THS4140, THS4141
HIGHSPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS320E − MAY 2000 − REVISED JANUARY 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
0.01
0.1
1
10
100
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
OUTPUT IMPEDANCE
vs
FREQUENCY
VCC = ±5 V
Figure 19
VCC − Supply Voltage − ±V
3
3.50
4
4.50
5
5.50
6
6.50
13
57
9
11
13
15
INPUT BIAS CURRENT
vs
SUPPLY VOLTAGE
TA = 25°C
TA = 85°C
TA = −40°C
Figure 20
VCC − Supply Voltage − ±V
0
10
20
30
40
50
60
70
80
90
12
3
4
5
6
7
8
9
10 11 12 13 14 15
TA = −40°C
TA = 85°C
TA = 25°C
OUTPUT CURRENT RANGE
vs
SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com