Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT93C86
Description  16 Kb Microwire Serial EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT93C86 Datasheet HTML 2Page - ON Semiconductor CAT93C86 Datasheet HTML 3Page - ON Semiconductor CAT93C86 Datasheet HTML 4Page - ON Semiconductor CAT93C86 Datasheet HTML 5Page - ON Semiconductor CAT93C86 Datasheet HTML 6Page - ON Semiconductor CAT93C86 Datasheet HTML 7Page - ON Semiconductor CAT93C86 Datasheet HTML 8Page - ON Semiconductor CAT93C86 Datasheet HTML 9Page - ON Semiconductor CAT93C86 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT93C86
www.onsemi.com
6
Erase
Upon receiving an ERASE command and address, the CS
(Chip Select) pin must be deasserted for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
clear cycle of the selected memory location. The clocking of
the SK pin is not necessary after the device has entered the
self clocking mode. The ready/busy status of the CAT93C86
can be determined by selecting the device and polling the
DO pin. Once cleared, the content of a cleared location
returns to a logical “1” state.
Erase/Write Enable and Disable
The CAT93C86 powers up in the write disable state. Any
writing after power−up or after an EWDS (write disable)
instruction must first be preceded by the EWEN (write
enable) instruction. Once the write instruction is enabled, it
will remain enabled until power to the device is removed, or
the EWDS instruction is sent. The EWDS instruction can be
used to disable all CAT93C86 write and clear instructions,
and will prevent any accidental writing or clearing of the
device. Data can be read normally from the device
regardless of the write enable/disable status.
Erase All
Upon receiving an ERAL command, the CS (Chip Select)
pin must be deselected for a minimum of tCSMIN. The falling
edge of CS will start the self clocking clear cycle of all
memory locations in the device. The clocking of the SK pin
is not necessary after the device has entered the self clocking
mode. The ready/busy status of the CAT93C86 can be
determined by selecting the device and polling the DO pin.
Once cleared, the contents of all memory bits return to a
logical “1” state.
Write All
Upon receiving a WRAL command and data, the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
data write to all memory locations in the device. The
clocking of the SK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of the
CAT93C86 can be determined by selecting the device and
polling the DO pin. It is not necessary for all memory
locations to be cleared before the WRAL command is
executed.
Figure 5. Erase Instruction Timing
SK
CS
DI
DO
STANDBY
HIGH−Z
HIGH−Z
1
BUSY
READY
STATUS
11
VERIFY
tHZ
AN
AN−1
A0
tCS
tSV
tEW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com