Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT93C86
Description  16 Kb Microwire Serial EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT93C86 Datasheet HTML 2Page - ON Semiconductor CAT93C86 Datasheet HTML 3Page - ON Semiconductor CAT93C86 Datasheet HTML 4Page - ON Semiconductor CAT93C86 Datasheet HTML 5Page - ON Semiconductor CAT93C86 Datasheet HTML 6Page - ON Semiconductor CAT93C86 Datasheet HTML 7Page - ON Semiconductor CAT93C86 Datasheet HTML 8Page - ON Semiconductor CAT93C86 Datasheet HTML 9Page - ON Semiconductor CAT93C86 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CAT93C86
www.onsemi.com
10
ORDERING INFORMATION
OPN
Specific Device
Marking*
Pkg Type
Temperature Range
Lead
Finish
Shipping
CAT93C86LI−G
93C86D
PDIP−8
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tube, 50 Units / Tube
CAT93C86VI−G
93C86D
SOIC−8, JEDEC
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tube, 100 Units / Tube
CAT93C86VI−GT3
93C86D
SOIC−8, JEDEC
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tape & Reel,
3000 Units / Reel
CAT93C86WI−GT3
(Note 10)
93C86D
SOIC−8, JEDEC
I = Industrial
(−40
°C to +85°C)
NiPdAu
Tape & Reel,
3000 Units / Reel
CAT93C86XI−T2
93C86D
SOIC−8, EIAJ
I = Industrial
(−40
°C to +85°C)
Matte−Tin
Tape & Reel,
2000 Units / Reel
*Marking for new product Revision D.
8. All packages are RoHS−compliant (Lead−free, Halogen−free).
9. The standard lead finish is NiPdAu.
10. Not recommended for new designs.
11. For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
12. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
13. For detailed information and a breakdown of device nomenclature and numbering systems, please see the ON Semiconductor Device
Nomenclature document, TND310/D, available at www.onsemi.com
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
CAT93C86/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com