Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT93C86
Description  16 Kb Microwire Serial EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT93C86 Datasheet HTML 1Page - ON Semiconductor CAT93C86 Datasheet HTML 2Page - ON Semiconductor CAT93C86 Datasheet HTML 3Page - ON Semiconductor CAT93C86 Datasheet HTML 4Page - ON Semiconductor CAT93C86 Datasheet HTML 5Page - ON Semiconductor CAT93C86 Datasheet HTML 6Page - ON Semiconductor CAT93C86 Datasheet HTML 7Page - ON Semiconductor CAT93C86 Datasheet HTML 8Page - ON Semiconductor CAT93C86 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT93C86
www.onsemi.com
3
Table 4. PIN CAPACITANCE (Note 5)
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (DO)
VOUT = 0 V
5
pF
CIN
Input Capacitance (CS, SK, DI, ORG)
VIN = 0 V
5
pF
Table 5. POWER−UP TIMING (Notes 5, 6)
Symbol
Parameter
Max
Units
tPUR
Power−up to Read Operation
1
ms
tPUW
Power−up to Write Operation
1
ms
Table 6. A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50 ns
Input Pulse Voltages
0.4 V to 2.4 V
4.5 V
≤ VCC ≤ 5.5 V
Timing Reference Voltages
0.8 V, 2.0 V
4.5 V
≤ VCC ≤ 5.5 V
Input Pulse Voltages
0.2 x VCC to 0.7 x VCC
1.8 V
≤ VCC ≤ 4.5 V
Timing Reference Voltages
0.5 x VCC
1.8 V
≤ VCC ≤ 4.5 V
Table 7. A.C. CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC =
1.8 V − 5.5 V
VCC =
2.5 V − 5.5 V
VCC =
4.5 V − 5.5 V
Units
Min
Max
Min
Max
Min
Max
tCSS
CS Setup Time
200
100
50
ns
tCSH
CS Hold Time
0
0
0
ns
tDIS
DI Setup Time
200
100
50
ns
tDIH
DI Hold Time
200
100
50
ns
tPD1
Output Delay to 1
1
0.5
0.15
ms
tPD0
Output Delay to 0
CL = 100 pF (Note 7)
1
0.5
0.15
ms
tHZ (Note 5)
Output Delay to High−Z
400
200
100
ns
tEW
Program/Erase Pulse Width
5
5
5
ms
tCSMIN
Minimum CS Low Time
1
0.5
0.15
ms
tSKHI
Minimum SK High Time
1
0.5
0.15
ms
tSKLOW
Minimum SK Low Time
1
0.5
0.15
ms
tSV
Output Delay to Status Valid
1
0.5
0.1
ms
SKMAX
Maximum Clock Frequency
DC
500
DC
1000
DC
3000
kHz
5. These parameters are tested initially and after a design or process change that affects the parameter.
6. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
7. The input levels and timing reference points are shown in the “A.C. Test Conditions” table.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com