Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT93C86
Description  16 Kb Microwire Serial EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT93C86 Datasheet HTML 1Page - ON Semiconductor CAT93C86 Datasheet HTML 2Page - ON Semiconductor CAT93C86 Datasheet HTML 3Page - ON Semiconductor CAT93C86 Datasheet HTML 4Page - ON Semiconductor CAT93C86 Datasheet HTML 5Page - ON Semiconductor CAT93C86 Datasheet HTML 6Page - ON Semiconductor CAT93C86 Datasheet HTML 7Page - ON Semiconductor CAT93C86 Datasheet HTML 8Page - ON Semiconductor CAT93C86 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2014
December, 2014 − Rev. 13
1
Publication Order Number:
CAT93C86/D
CAT93C86
16 Kb Microwire Serial
EEPROM
Description
The CAT93C86 is a 16 Kb Serial EEPROM memory device which
is configured as either registers of 16 bits (ORG pin at VCC) or 8 bits
(ORG pin at GND). Each register can be written (or read) serially by
using the DI (or DO) pin. The CAT93C86 is manufactured using
ON Semiconductor’s advanced CMOS EEPROM floating gate
technology. The device is designed to endure 1,000,000 program/erase
cycles and has a data retention of 100 years. The device is available in
8−pin DIP and 8−pin SOIC packages.
Features
• High Speed Operation: 3 MHz / VCC = 5 V
• Low Power CMOS Technology
• 1.8 V to 5.5 V Operation
• Selectable x8 or x16 Memory Organization
• Self−timed Write Cycle with Auto−clear
• Hardware and Software Write Protection
• Power−up Inadvertent Write Protection
• Sequential Read
• Program Enable (PE) Pin
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Industrial and Extended Temperature Ranges
• 8−lead PDIP and SOIC Packages
• These Devices are Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
ORG
DO
CAT93C86
SK
GND
VCC
Figure 1. Functional Symbol
PE
CS
DI
Note: When the ORG pin is connected to VCC, the x16 organization
is selected. When it is connected to ground, the x8 pin is selected. If
the ORG pin is left unconnected, then an internal pull−up device will
select the x16 organization.
www.onsemi.com
PIN CONFIGURATION
DO
DI
SK
CS
1
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
SOIC−8
V, W SUFFIX
CASE 751BD
PDIP (L), SOIC (V, X)
PDIP−8
L SUFFIX
CASE 646AA
Chip Select
CS
Clock Input
SK
Serial Data Input
DI
Serial Data Output
DO
Power Supply
VCC
Ground
GND
Function
Pin Name
PIN FUNCTION
Memory Organization
ORG
Program Enable
PE
SOIC−8
X SUFFIX
CASE 751BE
GND
ORG
PE
VCC
SK
CS
VCC
PE
1
DI
DO
GND
ORG
SOIC (W)*
* Not Recommended for New Designs


Similar Part No. - CAT93C86

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
61Kb / 9P
1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
447Kb / 13P
16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86 ONSEMI-CAT93C86 Datasheet
49Kb / 1P
High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V) Sequential Read
6/13/2013
More results

Similar Description - CAT93C86

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAV93C86 ONSEMI-CAV93C86 Datasheet
151Kb / 9P
16 Kb Microwire Serial EEPROM
May, 2013 ??Rev. 0
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C86SI ONSEMI-CAT93C86SI Datasheet
154Kb / 10P
16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86VI ONSEMI-CAT93C86VI Datasheet
154Kb / 10P
16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86W ONSEMI-CAT93C86W Datasheet
154Kb / 10P
16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com