Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6901F Datasheet(PDF) 13 Page - Rohm

Part # BA6901F
Description  Two-phase Full-wave DC Brushless Fan Motor Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 13 Page - Rohm

Back Button BA6901F Datasheet HTML 9Page - Rohm BA6901F Datasheet HTML 10Page - Rohm BA6901F Datasheet HTML 11Page - Rohm BA6901F Datasheet HTML 12Page - Rohm BA6901F Datasheet HTML 13Page - Rohm BA6901F Datasheet HTML 14Page - Rohm BA6901F Datasheet HTML 15Page - Rohm BA6901F Datasheet HTML 16Page - Rohm BA6901F Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/17
BA6901F
Datasheet
Datasheet
TSZ02201-0H1H0B100500-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・15・001
www.rohm.com
●Power dissipation
Power dissipation (total loss) indicates the power that can be consumed by IC at Ta = 25ºC (normal temperature). IC is
heated when it consumes power, and the temperature of IC chip becomes higher than ambient temperature. The
temperature that can be accepted by IC chip depends on circuit configuration, manufacturing process, etc, and consumable
power is limited. Power dissipation is determined by the temperature allowed in IC chip (maximum junction temperature)
and thermal resistance of package (heat dissipation capability). The maximum junction temperature is in general equal to
the maximum value in the storage temperature range.
Heat generated by consumed power of IC is radiated from the mold resin or lead frame of package. The parameter which
indicates this heat dissipation capability (hardness of heat release) is called heat resistance, represented by the symbol θ
ja [℃/W]. The temperature of IC inside the package can be estimated by this heat resistance. Fig.19 shows the model of
heat resistance of the package.
Heat resistance
θja, ambient temperature Ta, junction temperature Tj, and power consumption P can be calculated by the
equation below:
Thermal derating curve indicates power that can be consumed by IC with reference to ambient temperature. Power that can
be consumed by IC begins to attenuate at certain ambient temperature. This gradient is determined by thermal resistance
θja.
Thermal resistance
θja depends on chip size, power consumption, package ambient temperature, packaging condition,
wind velocity, etc., even when the same package is used. Thermal derating curve indicates a reference value measured at
a specified condition. Fig.20 shows a thermal derating curve (Value when mounting FR4 glass epoxy board 70 [mm] x 70
[mm] x 1.6 [mm] (copper foil area below 3 [%]))
*Reduce by 5.0mW/°C over 25°C
(On 70.0mm x 70.0mm x 1.6mm glass epoxy board)
●I/O equivalence circuit(Resistance values are typical)
1) Hall input terminal
2) Current limiting input terminal
3) Charge-discharge pulse
Output current detecting terminal
output terminal
4) PWM input terminal
5) Output terminal
6) Signal output terminal
θja = (Tj – Ta) / P [°C/W]
Fig.19 Thermal resistance
Fig.20 Thermal de-rating curve
θja = (Tj – Ta) / P [°C/W]
Chip surface temperature Tj[°C]
Package surface temperature Tc[°C]
Power consumption P[W]
Ambient temperature Ta[°C]
Pd(mW)
700
600
560
500
400
300
200
100
025
50
75
100
125
150
Ta(℃)
95
625
BA6901F
800
H+
H-
Vcc
1kΩ
1kΩ
PWM
Vcc
1kΩ
30kΩ
100kΩ
GND
Vcc
A1, A2
15kΩ
FG、AL、ALB
CS
Vcc
CL
1kΩ
1kΩ
Vcc
TOUT
30Ω
30Ω
1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com