Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6901F Datasheet(PDF) 8 Page - Rohm

Part # BA6901F
Description  Two-phase Full-wave DC Brushless Fan Motor Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 8 Page - Rohm

Back Button BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm BA6901F Datasheet HTML 10Page - Rohm BA6901F Datasheet HTML 11Page - Rohm BA6901F Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/17
BA6901F
Datasheet
Datasheet
TSZ02201-0H1H0B100500-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・15・001
www.rohm.com
●Application circuit example(Constant values are for reference)
Substrate design note
a) IC power, motor outputs, and motor ground lines are made as fat as possible.
b) IC ground (signal ground) line is common with the application ground except motor ground (i.e. hall ground etc.),
and arranged near to (–) land.
c) The bypass capacitor and/or Zenner diode are arrangement near to Vcc terminal.
d) H+ and H– lines are arranged side by side and made from the hall element to IC as shorter as possible,
because it is easy for the noise to influence the hall lines.
Fig.12 application circuit
Output Tr is equipped externally.
Provide a back electromotive force
regenerating current route by Zenner
diode for clamping.
Take a measure against Vcc voltage
rise generated by reverse connection
of current and back electromotive
force.
Set according to the amplitude
of hall element output and hall
input voltage range.
Output current detecting resistor. Pay
attention to wattage because large
current is present
Enables
speed
control
by
pulse input.
Incorporates
power
supply
clamp
circuit
and
enables
application of high voltage.
Current limit setting resistor.
Incorporates
charging
and
discharging pulse circuit and enables
speed
control
corresponding
to
ambient temperature with use of
thermistor.
Lock detection ON time and lock
detection OFF time can be set.
Phase compensating capacitor
when current is limited.
1
+
-
HALL
-
+
A2
+
-
2
3
4
5
6
7
8
REG
-
+
+
-
Lock
Detect
Auto
Restart
PWM
A1
CR
FG
AL
ALB
PWM
LD
CNF
GND
16
15
14
13
12
11
10
9
Vcc
A2
A1
CL
CS
H-
H+
TOUT
0.1μF
∼4.7μF
∼5Ω
5kΩ
∼200kΩ
0.47μF
∼4.7μF
0.001μF
∼0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com