Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6901F Datasheet(PDF) 4 Page - Rohm

Part # BA6901F
Description  Two-phase Full-wave DC Brushless Fan Motor Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 4 Page - Rohm

  BA6901F Datasheet HTML 1Page - Rohm BA6901F Datasheet HTML 2Page - Rohm BA6901F Datasheet HTML 3Page - Rohm BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/17
BA6901F
Datasheet
Datasheet
TSZ02201-0H1H0B100500-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・15・001
www.rohm.com
●Electrical characteristics(Unless otherwise specified Ta=25°C, Vcc=12V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Circuit current
Icc
3.0
7.0
12.0
mA
At output OFF
Hall input hysteresis
Vhys
±4
±10
±20
mV
Charge current of capacitor for
lock detection
Ildc
2.0
5.0
8.0
µA
Vld=1.5V
Discharge current of capacitor
for lock detection
Ildd
0.2
0.5
0.8
µA
Vld=1.5V
Charge-discharge current ratio of
capacitor for lock detection
rCD
4
10
16
-
rCD=Ildc/Illd
Clamp voltage of capacitor for
lock detection
Vldcl
1.60
2.40
3.20
V
Comparison voltage of capacitor
for lock detection
Vldcp
0.25
0.60
0.95
V
Output H voltage
Voh
-
1.5
2.0
V
Io=-10mA
Voltage between output
and Vcc
FG output L voltage
Vfgl
-
0.10
0.50
V
IFG=5mA
AL output L voltage
Vall
-
0.10
0.50
V
IAL,IALB=5mA
CL-CS offset voltage
Vofscs
75.0
92.0
99.5
mV
CL=100mV
Response time for current limit
Tcs
-
50
150
Μsec
PWM input voltage H
Vpwmh
2.0
-
-
V
At output ON
PWM input voltage L
Vpwml
-
-
0.8
V
At output OFF
Charge-discharge pulse
comparison voltage
Vcrcp
0.26
0.35
0.44
V
Charge-discharge pulse output
voltage H
Vtoh
0.7
1.0
1.3
V
ITO=-0.5mA
Voltage between output
and Vcc
Charge-discharge pulse output
voltage L
Vtol
0.7
1.0
1.3
V
ITO=0.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com