Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6901F Datasheet(PDF) 2 Page - Rohm

Part # BA6901F
Description  Two-phase Full-wave DC Brushless Fan Motor Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 2 Page - Rohm

  BA6901F Datasheet HTML 1Page - Rohm BA6901F Datasheet HTML 2Page - Rohm BA6901F Datasheet HTML 3Page - Rohm BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/17
BA6901F
Datasheet
Datasheet
TSZ02201-0H1H0B100500-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
18.DEC.2012 Rev.002
TSZ22111・15・001
www.rohm.com
●Pin configuration
●Pin description
P/No.
T/Name
Function
1
CR
Charging and discharging
pulse circuit capacitor and
resistor connecting terminal
2
FG
Rotating speed pulse signal
output terminal
3
AL
Lock alarm signal output terminal
4
ALB
Lock alarm signal terminal
(inversion signal of AL)
5
PWM
PWM input terminal
(H or OPEN:Output ON, L:Output
OFF)
6
LD
Lock detection and automatic
restart capacitor connecting terminal
7
CNF
Phase compensating capacitor
connecting terminal
8
GND
GND terminal
9
H+
Hall input terminal +
10
H-
Hall input terminal -
11
CS
Current detecting input terminal
12
CL
Current limiting input terminal
13
A1
Output terminal 1
14
A2
Output terminal 2
15
Vcc
Power terminal
16
TOUT
Charging and discharging
pulse output terminal
●Block diagram
Fig.2 Block diagram
Fig. 1 Pin configuration
A2
CL
AL
CNF
ALB
FG
CR
H–
CS
Vcc
PWM
TOUT
A1
GND
1
2
3
4
5
6
7
15
H+
LD
16
8
14
13
12
11
9
10
(TOP VIEW)
1
+
-
-
+
A2
+
-
2
3
4
5
6
7
8
REG
-
+
+
-
LOCK
DETECTION
&
AUTOMATIC
RESTART
PWM
A1
CR
FG
AL
ALB
PWM
LD
CNF
GND
16
15
14
13
12
11
10
9
Vcc
A2
A1
CL
CS
H-
H+
TOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com