Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1763CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1763CS8
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1763CS8 Datasheet HTML 5Page - Linear Technology LT1763CS8 Datasheet HTML 6Page - Linear Technology LT1763CS8 Datasheet HTML 7Page - Linear Technology LT1763CS8 Datasheet HTML 8Page - Linear Technology LT1763CS8 Datasheet HTML 9Page - Linear Technology LT1763CS8 Datasheet HTML 10Page - Linear Technology LT1763CS8 Datasheet HTML 11Page - Linear Technology LT1763CS8 Datasheet HTML 12Page - Linear Technology LT1763CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1763 Series
1763fa
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
10
1k
10k
100k
1763 G41
100
10
1
0.1
0.01
LT1763
LT1763-5
CBYP = 1000pF
CBYP = 0.01µF
CBYP = 100pF
COUT = 10µF
IL = 500mA
CBYP (pF)
10
160
140
120
100
80
60
40
20
0
100
1000
10000
1763 G42
COUT = 10µF
IL = 500mA
f = 10Hz TO 100kHz
LT1763-5
LT1763-3.3
LT1763
LT1763-1.5
LT1763-3
LT1763-2.5
LT1763-1.8
LOAD CURRENT (mA)
0.01
160
140
120
100
80
60
40
20
0
0.1
1
1763 G43
10
100
1000
COUT = 10µF
LT1763-5
LT1763-5
LT1763
LT1763
CBYP = 0
CBYP = 0.01µF
Output Noise Spectral Density
RMS Output Noise vs
Bypass Capacitor
RMS Output Noise vs
Load Current (10Hz to 100kHz)
Input Ripple Rejection
Input Ripple Rejection
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1763 G35
100
100k
IL = 500mA
VIN = VOUT(NOMINAL) +
1V + 50mVRMS RIPPLE
CBYP = 0
COUT = 4.7µF
COUT = 10µF
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1763 G36
100
100k
IL = 500mA
VIN = VOUT(NOMINAL) +
1V + 50mVRMS RIPPLE
COUT = 10µF
CBYP = 0.01µF
CBYP = 100pF
CBYP = 1000pF
TEMPERATURE (
°C)
–50
100
1763 G37
050
68
66
64
62
60
58
56
54
52
–25
25
75
125
VIN = VOUT (NOMINAL) +
1V + 0.5VP-P RIPPLE
AT f = 120Hz
IL = 500mA
TEMPERATURE (
°C)
–50
0
50
75
1763 G38
–25
25
100
125
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
IL = 1mA
VOUT = 1.22V
IL = 500mA
TEMPERATURE (
°C)
–50
100
1763 G39
050
–25
25
75
125
5
0
–5
–10
–15
–20
–25
VIN = VOUT(NOMINAL) + 1V
∆IL = 1mA TO 500mA
LT1763
LT1763-5
LT1763-3
LT1763-3.3
LT1763-1.5
LT1763-1.8
LT1763-2.5
FREQUENCY (Hz)
10
1k
10k
100k
1763 G40
100
10
1
0.1
0.01
COUT = 10µF
IL = 500mA
LT1763
LT1763-5
LT1763-1.5
LT1763-2.5
LT1763-1.8
LT1763-3.3
LT1763-3
Ripple Rejection
Load Regulation
LT1763
Minimum Input Voltage
Output Noise Spectral Density
CBYP = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com