Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1763CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1763CS8
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1763CS8 Datasheet HTML 8Page - Linear Technology LT1763CS8 Datasheet HTML 9Page - Linear Technology LT1763CS8 Datasheet HTML 10Page - Linear Technology LT1763CS8 Datasheet HTML 11Page - Linear Technology LT1763CS8 Datasheet HTML 12Page - Linear Technology LT1763CS8 Datasheet HTML 13Page - Linear Technology LT1763CS8 Datasheet HTML 14Page - Linear Technology LT1763CS8 Datasheet HTML 15Page - Linear Technology LT1763CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1763 Series
1763fa
LT/TP 1003 1K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1120
125mA Low Dropout Regulator with 20
µA IQ
Includes 2.5V Reference and Comparator
LT1121
150mA Micropower Low Dropout Regulator
30
µA IQ, SOT-223 Package
LT1129
700mA Micropower Low Dropout Regulator
50
µA Quiescent Current
LT1175
500mA Negative Low Dropout Micropower Regulator
45
µA IQ, 0.26V Dropout Voltage, SOT-223 Package
LT1521
300mA Low Dropout Micropower Regulator with Shutdown
15
µA IQ, Reverse Battery Protection
LT1529
3A Low Dropout Regulator with 50
µA IQ
500mV Dropout Voltage
LT1613
1.4MHz Single-Cell Micropower DC/DC Converter
SOT-23 Package, Internally Compensated
LT1761 Series
100mA, Low Noise, Low Dropout Micropower Regulators in SOT-23
20
µA Quiescent Current, 20µVRMS Noise, ThinSOT
LT1762 Series
150mA, Low Noise, LDO Micropower Regulators
25
µA Quiescent Current, 20µVRMS Noise, MS8
LT1764A
3A, Fast Transient Response Low Dropout Regulator
340mV Dropout Voltage, DD, TO220
LT1962
300mA, Fast Transient Response Low Dropout Regulator
270mV Dropout Voltage, 20
µVRML, MS8
LT1963A
1.5A, Fast Transient Response Low Dropout Regulator
340mV Dropout Voltage, 40
µVRML, DD, TO220, S8, SOT-223
LT3010
50mA, 80V Low Noise, LDO Micropower Regulator
300mV Dropout Voltage, MS8E
TYPICAL APPLICATION
Paralleling of Regulators for Higher Output Current
C4
0.01
µF
R1
0.1
Ω
R2
0.1
Ω
R5
10k
R4
2.2k
R7
1.21k
C2
10
µF
1763 TA03
VIN > 3.8V
3.3V
1A
C5
0.01
µF
8
1
3
2
4
C3
0.01
µF
IN
SHDN
OUT
SENSE
BYP
GND
LT1763-3.3
IN
SHDN
OUT
BYP
ADJ
GND
LT1763
SHDN
+
C1
10
µF
+
–
+
1/2 LT1490
R6
2k
R3
2.2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com