Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1763CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1763CS8
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1763CS8 Datasheet HTML 8Page - Linear Technology LT1763CS8 Datasheet HTML 9Page - Linear Technology LT1763CS8 Datasheet HTML 10Page - Linear Technology LT1763CS8 Datasheet HTML 11Page - Linear Technology LT1763CS8 Datasheet HTML 12Page - Linear Technology LT1763CS8 Datasheet HTML 13Page - Linear Technology LT1763CS8 Datasheet HTML 14Page - Linear Technology LT1763CS8 Datasheet HTML 15Page - Linear Technology LT1763CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1763 Series
1763fa
APPLICATIONS INFORMATION
plus the ADJ pin bias current. The ADJ pin bias current,
30nA at 25
°C, flows through R2 into the ADJ pin. The
output voltage can be calculated using the formula in
Figure 2. The value of R1 should be no greater than 250k
to minimize errors in the output voltage caused by the ADJ
pin bias current. Note that in shutdown the output is turned
off and the divider current will be zero. Curves of ADJ Pin
Voltage vs Temperature and ADJ Pin Bias Current vs
Temperature appear in the Typical Performance Charac-
teristics section.
Figure 3. Stability
OUTPUT CAPACITANCE (
µF)
1
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
310
1763 F03
24
5
6 78 9
STABLE REGION
CBYP = 330pF
CBYP ≥ 1000pF
CBYP = 100pF
CBYP = 0
10
µs, with total output voltage deviation of less than 2.5%
(see LT1763-5 Transient Response in the Typical Perfor-
mance Characteristics). However, regulator start-up time
is inversely proportional to the size of the bypass capaci-
tor, slowing to 15ms with a 0.01
µF bypass capacitor and
10
µF output capacitor.
Output Capacitance and Transient Response
The LT1763 regulators are designed to be stable with a
wide range of output capacitors. The ESR of the output
capacitor affects stability, most notably with small capaci-
tors. A minimum output capacitor of 3.3
µF with an ESR of
3
Ω or less is recommended to prevent oscillations. The
LT1763-X is a micropower device and output transient
response will be a function of output capacitance. Larger
values of output capacitance decrease the peak deviations
and provide improved transient response for larger load
current changes. Bypass capacitors, used to decouple
individual components powered by the LT1763-X, will
increase the effective output capacitor value. With larger
capacitors used to bypass the reference (for low noise
operation), larger values of output capacitors are needed.
For 100pF of bypass capacitance, 4.7
µF of output capaci-
tor is recommended. With a 1000pF bypass capacitor or
larger, a 6.8
µF output capacitor is recommended.
The shaded region of Figure 3 defines the range over which
the LT1763 regulators are stable. The minimum ESR
needed is defined by the amount of bypass capacitance
used, while the maximum ESR is 3
Ω.
IN
1763 F02
R2
OUT
VIN
VOUT
ADJ
GND
LT1763
R1
+
VV
R
R
IR
VV
InA
OUT
ADJ
ADJ
ADJ
=+


+
()( )
=
=°
122
1
2
1
2
122
30
.
.
AT 25 C
OUTPUT RANGE = 1.22V TO 20V
Figure 2. Adjustable Operation
The adjustable device is tested and specified with the ADJ
pin tied to the OUT pin for an output voltage of 1.22V.
Specifications for output voltages greater than 1.22V will
be proportional to the ratio of the desired output voltage to
1.22V: VOUT/1.22V. For example, load regulation for an
output current change of 1mA to 500mA is – 2mV typical
at VOUT = 1.22V. At VOUT = 12V, load regulation is:
(12V/1.22V)(–2mV) = – 19.6mV
Bypass Capacitance and Low Noise Performance
The LT1763 regulators may be used with the addition of a
bypass capacitor from VOUT to the BYP pin to lower output
voltage noise. A good quality low leakage capacitor is
recommended. This capacitor will bypass the reference of
the regulator, providing a low frequency noise pole. The
noise pole provided by this bypass capacitor will lower the
output voltage noise to as low as 20
µVRMS with the
addition of a 0.01
µF bypass capacitor. Using a bypass
capacitor has the added benefit of improving transient
response. With no bypass capacitor and a 10
µF output
capacitor, a 10mA to 500mA load step will settle to within
1% of its final value in less than 100
µs. With the addition
of a 0.01
µF bypass capacitor, the output will settle to
within 1% for a 10mA to 500mA load step in less than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com