Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1763CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1763CS8
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1763CS8 Datasheet HTML 1Page - Linear Technology LT1763CS8 Datasheet HTML 2Page - Linear Technology LT1763CS8 Datasheet HTML 3Page - Linear Technology LT1763CS8 Datasheet HTML 4Page - Linear Technology LT1763CS8 Datasheet HTML 5Page - Linear Technology LT1763CS8 Datasheet HTML 6Page - Linear Technology LT1763CS8 Datasheet HTML 7Page - Linear Technology LT1763CS8 Datasheet HTML 8Page - Linear Technology LT1763CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1763 Series
1763fa
500mA, Low Noise, LDO
Micropower Regulators
s
Low Noise: 20
µVRMS (10Hz to 100kHz)
s
Output Current: 500mA
s
Low Quiescent Current: 30
µA
s
Wide Input Voltage Range: 1.8V to 20V
s
Low Dropout Voltage: 300mV
s
Very Low Shutdown Current: < 1
µA
s
No Protection Diodes Needed
s
Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3V, 3.3V, 5V
s
Adjustable Output from 1.22V to 20V
s
Stable with 3.3
µF Output Capacitor
s
Stable with Aluminum, Tantalum or
Ceramic Capacitors
s
Reverse Battery Protection
s
No Reverse Current
s
Overcurrent and Overtemperature Protected
s
8-Lead SO Package
The LT
®1763 series are micropower, low noise, low
dropout regulators. The devices are capable of supplying
500mA of output current with a dropout voltage of 300mV.
Designed for use in battery-powered systems, the low
30
µA quiescent current makes them an ideal choice.
Quiescent current is well controlled; it does not rise in
dropout as it does with many other regulators.
A key feature of the LT1763 regulators is low output noise.
With the addition of an external 0.01
µF bypass capacitor,
output noise drops to 20
µVRMS over a 10Hz to 100kHz
bandwidth. The LT1763 regulators are stable with output
capacitors as low as 3.3
µF. Small ceramic capacitors can
be used without the series resistance required by other
regulators.
Internal protection circuitry includes reverse battery pro-
tection, current limiting, thermal limiting and reverse
current protection. The parts come in fixed output volt-
ages of 1.5V, 1.8V, 2.5V, 3V, 3.3V and 5V, and as an
adjustable device with a 1.22V reference voltage. The
LT1763 regulators are available in the 8-lead SO package.
Dropout Voltage
3.3V Low Noise Regulator
s
Cellular Phones
s
Battery-Powered Systems
s
Noise-Sensitive Instrumentation Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
IN
SHDN
0.01
µF
10
µF
1763 TA01
OUT
SENSE
VIN
3.7V TO
20V
BYP
GND
LT1763-3.3
3.3V AT 500mA
20
µVRMS NOISE
1
µF
+
OUTPUT CURRENT (mA)
0
400
350
300
250
200
150
100
50
0
400
1763 TA02
100
200
300
500
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1763CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763CS8 LINER-LT1763CS8 Datasheet
275Kb / 20P
500mA, Low Noise, LDO Micropower Regulators
LT1763CS8 LINER-LT1763CS8 Datasheet
1Mb / 22P
500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.5 LINER-LT1763CS8-1.5 Datasheet
275Kb / 20P
500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.5 LINER-LT1763CS8-1.5 Datasheet
1Mb / 22P
500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.5-PBF LINER-LT1763CS8-1.5-PBF Datasheet
1Mb / 22P
500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
500mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com