Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPWR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # MUX507IPWR
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX507IPWR Datasheet(HTML) 27 Page - Texas Instruments

Back Button MUX507IPWR Datasheet HTML 23Page - Texas Instruments MUX507IPWR Datasheet HTML 24Page - Texas Instruments MUX507IPWR Datasheet HTML 25Page - Texas Instruments MUX507IPWR Datasheet HTML 26Page - Texas Instruments MUX507IPWR Datasheet HTML 27Page - Texas Instruments MUX507IPWR Datasheet HTML 28Page - Texas Instruments MUX507IPWR Datasheet HTML 29Page - Texas Instruments MUX507IPWR Datasheet HTML 30Page - Texas Instruments MUX507IPWR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Source or Drain Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
50
100
150
200
250
300
350
400
D001
VDD = 18 V, VSS = -18 V
VDD = 16.5 V, VSS = -16.5 V
VDD = 15 V, VSS = -15 V
VDD = 13.5 V, VSS = -13.5 V
VDD = 10 V, VSS = -10 V
27
MUX506, MUX507
www.ti.com
SBAS803 – NOVEMBER 2016
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Bidirectional Operation
The MUX50x are operable as both a mux and demux. The source (Sx, SxA, SxB) and drain (D, DA, DB) pins of
the MUX50x are used either as input or output. Each MUX50x channel has very similar characteristics in both
directions.
8.3.4 Rail-to-Rail Operation
The valid analog signal for the MUX50x ranges from VSS to VDD. The input signal to the MUX50x swings from VSS
to VDD without any significant degradation in performance. The on-resistance of the MUX50x varies with input
signal, as shown in Figure 41
Figure 41. On-resistance vs Source or Drain Voltage
8.4 Device Functional Modes
When the EN pin of the MUX50x is pulled high, one of the switches is closed based on the state of the address
lines. When the EN pin is pulled low, all the switches are in an open state irrespective of the state of the address
lines. The EN pin can be connected to VDD (as high as 36 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com