Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MUX507IPWR
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX507IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button MUX507IPWR Datasheet HTML 2Page - Texas Instruments MUX507IPWR Datasheet HTML 3Page - Texas Instruments MUX507IPWR Datasheet HTML 4Page - Texas Instruments MUX507IPWR Datasheet HTML 5Page - Texas Instruments MUX507IPWR Datasheet HTML 6Page - Texas Instruments MUX507IPWR Datasheet HTML 7Page - Texas Instruments MUX507IPWR Datasheet HTML 8Page - Texas Instruments MUX507IPWR Datasheet HTML 9Page - Texas Instruments MUX507IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
MUX506, MUX507
SBAS803 – NOVEMBER 2016
www.ti.com
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage limits are valid if current is limited to ±30 mA.
(3)
Only one pin at a time.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply
VDD
–0.3
40
V
VSS
–40
0.3
VDD – VSS
40
Digital pins(2): EN, A0, A1, A2, A3
VSS – 0.3
VDD + 0.3
Analog pins(2): Sx, SxA, SxB, D, DA, DB
VSS – 2
VDD + 2
Current(3)
–30
30
mA
Temperature
Operating, TA
–55
150
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
500
(1)
When VSS = 0 V, VDD can range from 10 V to 36 V.
(2)
VDD and VSS can be any value as long as 10 V ≤ (VDD – VSS) ≤ 36 V.
(3)
VS is the voltage on all the S pins.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VDD
(1)
Positive power-supply voltage
Dual supply
5
18
V
Single supply
10
36
VSS
(2)
Negative power-supply voltage (dual supply)
–5
–18
V
VDD – VSS
Supply voltage
10
36
V
VS
Source pins voltage(3)
VSS
VDD
V
VD
Drain pins voltage
VSS
VDD
V
VEN
Enable pin voltage
VSS
VDD
V
VA
Address pins voltage
VSS
VDD
V
ICH
Channel current (TA = 25°C)
–25
25
mA
TA
Operating temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com