Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MUX507IPWR
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX507IPWR Datasheet(HTML) 4 Page - Texas Instruments

  MUX507IPWR Datasheet HTML 1Page - Texas Instruments MUX507IPWR Datasheet HTML 2Page - Texas Instruments MUX507IPWR Datasheet HTML 3Page - Texas Instruments MUX507IPWR Datasheet HTML 4Page - Texas Instruments MUX507IPWR Datasheet HTML 5Page - Texas Instruments MUX507IPWR Datasheet HTML 6Page - Texas Instruments MUX507IPWR Datasheet HTML 7Page - Texas Instruments MUX507IPWR Datasheet HTML 8Page - Texas Instruments MUX507IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
1
VDD
28
DA
2
DB
27
VSS
3
NC
26
S8A
4
S8B
25
S7A
5
S7B
24
S6A
6
S6B
23
S5A
7
S5B
22
S4A
8
S4B
21
S3A
9
S3B
20
S2A
10
S2B
19
S1A
11
S1B
18
EN
12
GND
17
A0
13
NC
16
A1
14
NC
15
A2
Not to scale
4
MUX506, MUX507
SBAS803 – NOVEMBER 2016
www.ti.com
Product Folder Links: MUX506 MUX507
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions: MUX506 (continued)
PIN
FUNCTION
DESCRIPTION
NAME
NO.
S11
9
Analog input or output Source pin 11. Can be an input or output.
S12
8
Analog input or output Source pin 12. Can be an input or output.
S13
7
Analog input or output Source pin 13. Can be an input or output.
S14
6
Analog input or output Source pin 14. Can be an input or output.
S15
5
Analog input or output Source pin 15. Can be an input or output.
S16
4
Analog input or output Source pin 16. Can be an input or output.
VDD
1
Power supply
Positive power supply. This pin is the most positive power-supply potential. For reliable
operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD
and GND.
VSS
27
Power supply
Negative power supply. This pin is the most negative power-supply potential. In single-
supply applications, this pin can be connected to ground. For reliable operation, connect a
decoupling capacitor ranging from 0.1 µF to 10 µF between VSS and GND.
MUX507: PW Package
28-Pin TSSOP
Top View
Pin Functions: MUX507
PIN
FUNCTION
DESCRIPTION
NAME
NO.
A0
17
Digital input
Address line 0
A1
16
Digital input
Address line 1
A2
15
Digital input
Address line 2
DA
28
Analog input or output Drain pin A. Can be an input or output.
DB
2
Analog input or output Drain pin B. Can be an input or output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com