Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUX507IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MUX507IPWR
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX507IPWR Datasheet(HTML) 1 Page - Texas Instruments

  MUX507IPWR Datasheet HTML 1Page - Texas Instruments MUX507IPWR Datasheet HTML 2Page - Texas Instruments MUX507IPWR Datasheet HTML 3Page - Texas Instruments MUX507IPWR Datasheet HTML 4Page - Texas Instruments MUX507IPWR Datasheet HTML 5Page - Texas Instruments MUX507IPWR Datasheet HTML 6Page - Texas Instruments MUX507IPWR Datasheet HTML 7Page - Texas Instruments MUX507IPWR Datasheet HTML 8Page - Texas Instruments MUX507IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
ADC
VINP
VINM
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current
Sensing
Optical Sensor
PGA/INA
+
±
MUX507
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
-2000
-1500
-1000
-500
0
500
1000
D006
ID(OFF)+
IS(OFF)+
ID(ON)+
ID(OFF)-
IS(OFF)-
ID(ON)-
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
MUX506, MUX507
SBAS803 – NOVEMBER 2016
MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
1
1 Features
1
•
Low On-Capacitance
–
MUX506: 13.5 pF
–
MUX507: 8.7 pF
•
Low Input Leakage: 1 pA
•
Low Charge Injection: 0.31 pC
•
Rail-to-Rail Operation
•
Wide Supply Range: ±5 V to ±18 V, 10 V to 36 V
•
Low On-Resistance: 125 Ω
•
Transition Time: 85 ns
•
Break-Before-Make Switching Action
•
EN Pin Connectable to VDD
•
Logic Levels: 2 V to VDD
•
Low Supply Current: 45 µA
•
ESD Protection HBM: 2000 V
•
Industry-Standard TSSOP Package
2 Applications
•
Factory Automation and Industrial Process Control
•
Programmable Logic Controllers (PLC)
•
Analog Input Modules
•
ATE Test Equipment
•
Digital Multimeters
•
Battery Monitoring Systems
3 Description
The MUX506 and MUX507 (MUX50x) are modern
complementary metal-oxide semiconductor (CMOS)
precision analog multiplexers (muxes). The MUX506
offers 16:1 single-ended channels, whereas the
MUX507 offers differential 8:1 or dual 8:1 single-
ended channels. The MUX506 and MUX507 work
equally well with either dual supplies (±5 V to ±18 V)
or a single supply (10 V to 36 V). These devices also
perform well with symmetric supplies (such as VDD =
12 V, VSS = –12 V), and unsymmetric supplies (such
as VDD = 12 V, VSS = –5 V). All digital inputs have
transistor-transistor logic (TTL) compatible thresholds,
providing both TTL and CMOS logic compatibility
when operating in the valid supply voltage range.
The MUX507 and MUX507 have very low on- and off-
leakage currents, allowing these multiplexers to
switch signals from high input impedance sources
with minimal error. A low supply current of 45 µA
enables use in power-sensitive applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
MUX506
TSSOP (28)
9.70 mm × 6.40 mm
MUX507
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Simplified Schematic
Leakage Current vs Temperature


Similar Part No. - MUX507IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX507IPWR TI1-MUX507IPWR Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX507IPWR TI2-MUX507IPWR Datasheet
949Kb / 43P
MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
REVISED NOVEMBER 2017
MUX507IPWR TI2-MUX507IPWR Datasheet
949Kb / 43P
MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
REVISED NOVEMBER 2017
MUX507IPWR.B TI2-MUX507IPWR.B Datasheet
949Kb / 43P
MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
REVISED NOVEMBER 2017
MUX507IPWR.B TI2-MUX507IPWR.B Datasheet
949Kb / 43P
MUX50x 36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
REVISED NOVEMBER 2017
More results

Similar Description - MUX507IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX36S08 TI1-MUX36S08 Datasheet
1Mb / 37P
Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6104 TI1-TMUX6104 Datasheet
435Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, 4:1 Precision Analog Multiplexer
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
MUX36S08 TI1-MUX36S08_19 Datasheet
2Mb / 46P
36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com