Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6341 Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 30Page - PMC-Sierra, Inc PM6341 Datasheet HTML 31Page - PMC-Sierra, Inc PM6341 Datasheet HTML 32Page - PMC-Sierra, Inc PM6341 Datasheet HTML 33Page - PMC-Sierra, Inc PM6341 Datasheet HTML 34Page - PMC-Sierra, Inc PM6341 Datasheet HTML 35Page - PMC-Sierra, Inc PM6341 Datasheet HTML 36Page - PMC-Sierra, Inc PM6341 Datasheet HTML 37Page - PMC-Sierra, Inc PM6341 Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
18
Pin No.
Pin Name
Type
PQFP
PLCC
Function
RCLKO
Output
36
41
Recovered PCM Clock Output
(RCLKO). This output signal is the
recovered 2.048 MHz clock,
synchronized to the XCLK signal. The
RCLKO signal is recovered from the
received analog inputs (if the interface
is powered up), from the RDP and
RDN inputs (if the input format is dual-
rail RZ), or from the RCLKI input (if
the input format is NRZ).
RDPCM/
Output
37
42
Recovered Decoded PCM (RDPCM).
This output is available when the
E1XC is configured for decoded data
output. This NRZ output signal is the
recovered data stream with HDB3
decoding applied, if HDB3 decoding is
enabled. It is updated on the falling
edge of RCLKO. The RDPCM signal
is not meant to be used when the
digital receive interface is configured
for unipolar operation (RUNI = 1 and
RDIEN = 1), since the data should be
available at the RDD input.
RPCM
Recovered PCM (RPCM). This output
is available when the E1XC is
configured for raw data output. This
NRZ output signal is the recovered
data stream without optional HDB3
decoding applied. It is updated on the
falling edge of RCLKO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com