Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6341 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 35Page - PMC-Sierra, Inc PM6341 Datasheet HTML 36Page - PMC-Sierra, Inc PM6341 Datasheet HTML 37Page - PMC-Sierra, Inc PM6341 Datasheet HTML 38Page - PMC-Sierra, Inc PM6341 Datasheet HTML 39Page - PMC-Sierra, Inc PM6341 Datasheet HTML 40Page - PMC-Sierra, Inc PM6341 Datasheet HTML 41Page - PMC-Sierra, Inc PM6341 Datasheet HTML 42Page - PMC-Sierra, Inc PM6341 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
23
Pin No.
Pin Name
Type
PQFP
PLCC
Function
BRSIG/
Output
45
47
Backplane Receive Signalling
(BRSIG). The BRSIG signal is
available on this output when the
backplane is configured for single-rail
output. BRSIG contains the extracted
signalling bits for each timeslot in the
frame, repeated for the entire
signalling multiframe. Each timeslot's
signalling bits are valid in bit locations
5,6,7,8 of the timeslot and are
timeslot-aligned with the BRPCM data
stream. When the ELST is not by-
passed, the BRSIG stream is aligned
to the backplane timing and is
updated on the falling edge of
BRCLK. When the ELST is by-
passed, BRSIG is aligned to the
receive line timing and is updated on
the falling edge of RCLKO.
BRDN
Backplane Receive Negative Line
Pulse (BRDN). The BRDN signal is
available on this output when the
backplane is configured for dual-rail
output. The BRDN NRZ output
represents the RZ receive digital
negative pulse signal extracted from
the input bipolar signal. BRDN is
updated on the falling edge of
RCLKO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com