Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6341 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 37Page - PMC-Sierra, Inc PM6341 Datasheet HTML 38Page - PMC-Sierra, Inc PM6341 Datasheet HTML 39Page - PMC-Sierra, Inc PM6341 Datasheet HTML 40Page - PMC-Sierra, Inc PM6341 Datasheet HTML 41Page - PMC-Sierra, Inc PM6341 Datasheet HTML 42Page - PMC-Sierra, Inc PM6341 Datasheet HTML 43Page - PMC-Sierra, Inc PM6341 Datasheet HTML 44Page - PMC-Sierra, Inc PM6341 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
25
Pin No.
Pin Name
Type
PQFP
PLCC
Function
BRFPO
Output
47
49
When configured for backplane
receive composite multiframe output,
BRFPO goes high on the falling
BRCLK edge (or RCLKO edge if
ELST is by-passed) marking the
beginning of bit 1 of frame 1 of every
16 frame signalling multiframe,
indicating the signalling multiframe
alignment of the BRPCM data stream,
and returns low on the falling BRCLK
edge (or RCLKO edge if ELST is by-
passed) marking the end of bit 1 of
frame 1 of every 16 frame CRC
multiframe, indicating the CRC
multiframe alignment of the BRPCM
data stream. This mode allows both
multiframe alignments to be decoded
externally from the single BRFPO
signal. If the signalling and CRC
multiframe alignments are coincident,
BRFPO will pulse high for 1 clock
cycle.
When configured for backplane
receive overhead output, BRFPO is
high for timeslot 0 and timeslot 16 of
each 256-bit frame, indicating the
overhead bit positions of the BRPCM
data stream.
BRFPO is updated on the falling edge
of BRCLK or RCLKO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com