Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6341 Datasheet(PDF) 51 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 51 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 47Page - PMC-Sierra, Inc PM6341 Datasheet HTML 48Page - PMC-Sierra, Inc PM6341 Datasheet HTML 49Page - PMC-Sierra, Inc PM6341 Datasheet HTML 50Page - PMC-Sierra, Inc PM6341 Datasheet HTML 51Page - PMC-Sierra, Inc PM6341 Datasheet HTML 52Page - PMC-Sierra, Inc PM6341 Datasheet HTML 53Page - PMC-Sierra, Inc PM6341 Datasheet HTML 54Page - PMC-Sierra, Inc PM6341 Datasheet HTML 55Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
35
Pin No.
Pin Name
Type
PQFP
PLCC
Function
INTB
Output
4
12
Active low open-drain Interrupt signal
(INTB). This signal goes low when an
unmasked interrupt event is detected
on any of the internal interrupt
sources, including the internal HDLC
transceiver. Note that INTB will
remain low until all active, unmasked
interrupt sources are acknowledged at
their source.
CSB
Input
2
10
Active low chip select (CSB). This
signal must be low to enable E1XC
register accesses. Note that when not
being used, CSB must be tied high. If
CSB is not required (i.e. register
accesses are controlled using the
RDB and WRB signals only), CSB
must be connected to an inverted
version of the RSTB input. In any
case, CSB must be high at least once
after a powerup in order to clear
internal test modes.
D[0]
D[1]
D[2]
D[3]
D[4]
D[5]
D[6]
D[7]
I/O
5
6
7
8
13
14
15
16
13
14
15
16
21
22
23
24
Bidirectional data bus (D[7:0]). This
bus is used during E1XC read and
write accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com