Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTS221TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 1 Page - STMicroelectronics

  HTS221TR Datasheet HTML 1Page - STMicroelectronics HTS221TR Datasheet HTML 2Page - STMicroelectronics HTS221TR Datasheet HTML 3Page - STMicroelectronics HTS221TR Datasheet HTML 4Page - STMicroelectronics HTS221TR Datasheet HTML 5Page - STMicroelectronics HTS221TR Datasheet HTML 6Page - STMicroelectronics HTS221TR Datasheet HTML 7Page - STMicroelectronics HTS221TR Datasheet HTML 8Page - STMicroelectronics HTS221TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is information on a product in full production.
August 2016
DocID026333 Rev 4
1/33
HTS221
Capacitive digital sensor for relative humidity and temperature
Datasheet
- production data
Features
 0 to 100% relative humidity range
 Supply voltage: 1.7 to 3.6 V
 Low power consumption: 2 μA @ 1 Hz ODR
 Selectable ODR from 1 Hz to 12.5 Hz
 High rH sensitivity: 0.004% rH/LSB
 Humidity accuracy: ± 3.5% rH, 20 to +80% rH
 Temperature accuracy: ± 0.5 °C,15 to +40 °C
 Embedded 16-bit ADC
 16-bit humidity and temperature output data
 SPI and I²C interfaces
 Factory calibrated
 Tiny 2 x 2 x 0.9 mm package
 ECOPACK® compliant
Applications
 Air conditioning, heating and ventilation
 Air humidifiers
 Refrigerators
 Wearable devices
 Smart home automation
 Industrial automation
 Respiratory equipment
 Asset and goods tracking
Description
The HTS221 is an ultra-compact sensor for
relative humidity and temperature. It includes a
sensing element and a mixed signal ASIC to
provide the measurement information through
digital serial interfaces.
The sensing element consists of a polymer
dielectric planar capacitor structure capable of
detecting relative humidity variations and is
manufactured using a dedicated ST process.
The HTS221 is available in a small top-holed cap
land grid array (HLGA) package guaranteed to
operate over a temperature range from -40 °C to
+120 °C.
HLGA-6L
(2 x 2 x 0.9 mm)
Table 1. Device summary
Order code
Temperature range [°C]
Package
Packing
HTS221TR
-40 to +120
HLGA-6L
Tape and reel
www.st.com


Similar Part No. - HTS221TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HTS221 STMICROELECTRONICS-HTS221 Datasheet
148Kb / 4P
NFC Dynamic Tag sensor node evaluation board
22-Jun-2018
More results

Similar Description - HTS221TR

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
HTS2030SMD ETC2-HTS2030SMD Datasheet
214Kb / 5P
Temperature and Relative Humidity Sensor
logo
Humirel
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
RHT01 ETC-RHT01 Datasheet
442Kb / 5P
Digital relative humidity & temperature sensor
RHT02 ETC-RHT02 Datasheet
644Kb / 6P
Digital relative humidity & temperature sensor
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
Digital relative humidity & temperature sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
Digital relative humidity & temperature sensor
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
Digital-output relative humidity & temperature sensor/module
logo
E+E Elektronik Ges.m.b....
HTS201 EPLUSE-HTS201 Datasheet
1,010Kb / 9P
Room Sensor for Relative Humidity and Temperature
10-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com