Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTS221TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 11Page - STMicroelectronics HTS221TR Datasheet HTML 12Page - STMicroelectronics HTS221TR Datasheet HTML 13Page - STMicroelectronics HTS221TR Datasheet HTML 14Page - STMicroelectronics HTS221TR Datasheet HTML 15Page - STMicroelectronics HTS221TR Datasheet HTML 16Page - STMicroelectronics HTS221TR Datasheet HTML 17Page - STMicroelectronics HTS221TR Datasheet HTML 18Page - STMicroelectronics HTS221TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
DocID026333 Rev 4
15/33
HTS221
Digital interfaces
33
5.1.1
I²C operation
The transaction on the bus is started through a START (ST) signal. A start condition is
defined as a HIGH to LOW transition on the data line while the SCL line is held HIGH. After
this has been transmitted by the master, the bus is considered busy. The next byte of data
transmitted after the start condition contains the address of the slave in the first 7 bits and
the eighth bit tells whether the master is receiving data from the slave or transmitting data to
the slave. When an address is sent, each device in the system compares the first seven bits
after a start condition with its address. If they match, the device considers itself addressed
by the master.
The 8-bit slave address (SAD) associated to the HTS221 humidity sensor is BEh (write) and
BFh (read).
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line
during the acknowledge pulse. The receiver must then pull the data line LOW so that it
remains stable low during the HIGH period of the acknowledge clock pulse. A receiver
which has been addressed is obliged to generate an acknowledge after each byte of data
received.
The I²C embedded in the HTS221 behaves like a slave device and the following protocol
must be adhered to. After the start condition (ST) a slave address is sent, once a slave
acknowledge (SAK) has been returned, an 8-bit sub-address (SUB) will be transmitted: the
7 LSB represents the actual register address while the MSB enables address auto-
increment. If the MSB of the SUB field is ‘1’, the SUB (register address) will be automatically
increased to allow multiple data read/write.
The slave address is completed with a Read/Write bit. If the bit was ‘1’ (Read), a repeated
START (SR) condition must be issued after the two sub-address bytes; if the bit is ‘0’ (Write)
the master will transmit to the slave with direction unchanged. Table 10 explains how the
SAD + read/write bit pattern is composed, listing all the possible configurations.
Table 10. SAD + Read/Write patterns
Command
SAD[6:0]
R/W
SAD+R/W
Read
1011111
1
10111111 (BFh)
Write
1011111
0
10111110 (BEh)
Table 11. Transfer when master is writing one byte to slave
Master
ST
SAD + W
SUB
DATA
SP
Slave
SAK
SAK
SAK
Table 12. Transfer when master is writing multiple bytes to slave
Master
ST
SAD + W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com