Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTS221TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 8Page - STMicroelectronics HTS221TR Datasheet HTML 9Page - STMicroelectronics HTS221TR Datasheet HTML 10Page - STMicroelectronics HTS221TR Datasheet HTML 11Page - STMicroelectronics HTS221TR Datasheet HTML 12Page - STMicroelectronics HTS221TR Datasheet HTML 13Page - STMicroelectronics HTS221TR Datasheet HTML 14Page - STMicroelectronics HTS221TR Datasheet HTML 15Page - STMicroelectronics HTS221TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Functionality
HTS221
12/33
DocID026333 Rev 4
3
Functionality
The HTS221 is a digital humidity and temperature sensor, packaged in an HLGA holed
package.The device includes the sensing element and an IC (integrated circuit) interface
able to take information from the sensing element and provide a digital signal to the
application, communicating through I²C/SPI interfaces with the host controller.
3.1
IC interface
The complete measurement chain consists of a low-noise capacitive amplifier, which
converts the capacitive imbalance of the humidity sensor into an analog voltage signal, and
an analog-to-digital converter is used to generate the digital information.
The converter is coupled with a dedicated hardware (HW) averaging filter to remove the
high-frequency component and reduce the serial interface traffic.
The relative humidity and temperature data can be accessed through an I²C/SPI interface,
making the device particularly suitable for direct interfacing with a microcontroller.
3.2
Factory calibration
The IC (integrated circuit) interface is factory calibrated and the coefficients required to
convert the ADC 16-bit values into rH% or degrees Celsius can be read through the internal
registers of the sensor. Further calibration by the user is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com