Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTS221TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # HTS221TR
Description  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button HTS221TR Datasheet HTML 20Page - STMicroelectronics HTS221TR Datasheet HTML 21Page - STMicroelectronics HTS221TR Datasheet HTML 22Page - STMicroelectronics HTS221TR Datasheet HTML 23Page - STMicroelectronics HTS221TR Datasheet HTML 24Page - STMicroelectronics HTS221TR Datasheet HTML 25Page - STMicroelectronics HTS221TR Datasheet HTML 26Page - STMicroelectronics HTS221TR Datasheet HTML 27Page - STMicroelectronics HTS221TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Register description
HTS221
24/33
DocID026333 Rev 4
7.5
CTRL_REG3 (22h)
Control register 3
Control register for data ready output signal
The DRDY_EN bit enables the DRDY signal on pin 3. Normally inactive, the DRDY output
signal becomes active on new data available: logical OR of the bits STATUS_REG[1] and
STATUS_REG[0] for humidity and temperature, respectively. The DRDY signal returns
inactive after both HUMIDITY_OUT_H and TEMP_OUT_H registers are read.
7.6
STATUS_REG (27h)
Status register
Status register; the content of this register is updated every one-shot reading, and after
completion of every ODR cycle, regardless of the BDU value in CTRL_REG1.
76543210
DRDY_H_L
PP_OD
Reserved
DRDY
Reserved
[7]
DRDY_H_L: Data Ready output signal active high, low
(0: active high - default;1: active low)
[6]
PP_OD: Push-pull / Open Drain selection on pin 3 (DRDY)
(0: push-pull - default; 1: open drain)
[5:3]
Reserved
[2]
DRDY_EN: Data Ready enable
(0: Data Ready disabled - default;1: Data Ready signal available on pin 3)
[1:0]
Reserved
76543210
Reserved
H_DA
T_DA
[7:2]
Reserved
[1]
H_DA: Humidity data available.
(0: new data for humidity is not yet available; 1: new data for humidity is available)
[0]
T_DA: Temperature data available.
(0: new data for temperature is not yet available; 1: new data for temperature is available)
H_DA is set to 1 whenever a new humidity sample is available. H_DA is cleared anytime
HUMIDITY_OUT_H (29h) register is read.
T_DA is set to 1 whenever a new temperature sample is available. T_DA is cleared
anytime TEMP_OUT_H (2Bh) register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com