Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5801YV Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5801YV
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5801YV Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5801YV Datasheet HTML 1Page - Micrel Semiconductor MIC5801YV Datasheet HTML 2Page - Micrel Semiconductor MIC5801YV Datasheet HTML 3Page - Micrel Semiconductor MIC5801YV Datasheet HTML 4Page - Micrel Semiconductor MIC5801YV Datasheet HTML 5Page - Micrel Semiconductor MIC5801YV Datasheet HTML 6Page - Micrel Semiconductor MIC5801YV Datasheet HTML 7Page - Micrel Semiconductor MIC5801YV Datasheet HTML 8Page - Micrel Semiconductor MIC5801YV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
MIC5800/5801
Timing Diagram
Timing Conditions
(TA = +25°C, Logic Levels are VDD and Ground, VDD = 5V)
A. Minimum data active time before strobe enabled (data set-up time) ........................................................................ 50ns
B. Minimum data active time after strobe disabled (data hold time) .............................................................................. 50ns
C. Minimum strobe pulse width ...................................................................................................................................... 125ns
D. Typical time between strobe activation and output on to off transition ..................................................................... 500ns
E. Typical time between strobe activation and output off to on transition...................................................................... 500ns
F. Minimum clear pulse width ........................................................................................................................................ 300ns
G. Minimum data pulse width ........................................................................................................................................ 225ns
Truth Table
INN
Strobe
Clear
/OE
OUTN
t–1
t
0
1
0
0
×
OFF
1
1
0
0
×
ON
×
×
1
×
×
OFF
×
×
×
1
×
OFF
×
0
0
0
ON
ON
×
0
0
0
OFF
OFF
× = Irrelevant
t–1 = Previous output state
t = Present output state
Information present at an input is transferred to its latch
when the STROBE is high. A high CLEAR input will set all
latches to the output OFF condition regardless of the data
or STROBE input levels. A high /OE will set all outputs to
the off condition, regardless of any other input conditions.
When the /OE is low, the outputs depend on the state of
their respective latches.
June 29, 2015
5
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com