Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5801YV Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5801YV
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5801YV Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5801YV Datasheet HTML 1Page - Micrel Semiconductor MIC5801YV Datasheet HTML 2Page - Micrel Semiconductor MIC5801YV Datasheet HTML 3Page - Micrel Semiconductor MIC5801YV Datasheet HTML 4Page - Micrel Semiconductor MIC5801YV Datasheet HTML 5Page - Micrel Semiconductor MIC5801YV Datasheet HTML 6Page - Micrel Semiconductor MIC5801YV Datasheet HTML 7Page - Micrel Semiconductor MIC5801YV Datasheet HTML 8Page - Micrel Semiconductor MIC5801YV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC5800/5801
Ordering Information
Part Number
Junction Temperature Range
Package
Pb-Free
MIC5800YM
–40°C to +85°C
14-Pin SOIC
√
MIC5801YV
–40°C to +85°C
28-Pin PLCC
√
MIC5801YWM
–40°C to +85°C
24-Pin Wide SOIC
√
Pin Configuration
14-Pin SOIC (M)
(MIC5800YM)
(Top View)
24-Pin SOIC (WM)
(MIC5801YWM)
(Top View)
28-Pin SOIC (V)
(MIC5801YV)
(Top View)
Typical Input
MIC5800 Pin Description
Pin Number
Pin Name
Pin Function
1
CLEAR
Resets all latches and turns all outputs OFF (open).
2
STROBE
Input strobe pin. Loads output latches when high.
3 – 6
INn
Parallel inputs, 1 through 4.
7
GND
Logic and Output Ground pin.
8
COM
Transient suppression diode common cathode pin.
9 – 12
OUTn
Parallel outputs, 4 through 1.
13
VDD
Logic Supply Voltage.
14
/OE
Output Enable. When low outputs are active. When high, outputs are inactive and device is reset
from a fault condition. An undervoltage condition emulates a high OE input.
June 29, 2015
2
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com