Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5801YV Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5801YV
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5801YV Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5801YV Datasheet HTML 1Page - Micrel Semiconductor MIC5801YV Datasheet HTML 2Page - Micrel Semiconductor MIC5801YV Datasheet HTML 3Page - Micrel Semiconductor MIC5801YV Datasheet HTML 4Page - Micrel Semiconductor MIC5801YV Datasheet HTML 5Page - Micrel Semiconductor MIC5801YV Datasheet HTML 6Page - Micrel Semiconductor MIC5801YV Datasheet HTML 7Page - Micrel Semiconductor MIC5801YV Datasheet HTML 8Page - Micrel Semiconductor MIC5801YV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5800/5801
4/8-Bit Parallel-Input Latched Drivers
General Description
The MIC5800/5801 latched drivers are high-voltage, high-
current integrated circuits comprised of four or eight
CMOS data latches, a bipolar Darlington transistor driver
for each latch, and CMOS control circuitry for the common
CLEAR, STROBE, and OUTPUT ENABLE functions.
The bipolar/MOS combination provides an extremely low-
power latch with maximum interface flexibility. MIC5800
contains four latched drivers; MIC5801 contains eight
latched drivers.
Data input rates are greatly improved in these devices.
With a 5V supply, they will typically operate at better than
5MHz. With a 12V supply, significantly higher speeds are
obtained. The CMOS inputs are compatible with standard
CMOS, PMOS, and NMOS circuits. TTL or DTL circuits
may require the use of appropriate pull-up resistors. The
bipolar outputs are suitable for use with relays, solenoids,
stepping motors, LED or incandescent displays, and other
high-power loads. Both units have open-collector outputs
and
integral
diodes
for
inductive
load
transient
suppression. The output transistors are capable of sinking
500mA and will sustain at least 50V in the OFF state.
Because of limitations on package power dissipation, the
simultaneous operation of all drivers at maximum rated
current can only be accomplished by a reduction in duty
cycle. Outputs may be paralleled for higher load current
capability.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• 4.4MHz Minimum Data Input Rate
• High-Voltage, Current Sink Outputs
• Output Transient Protection
• CMOS, PMOS, NMOS, and TTL Compatible Inputs
• Internal Pull-Down Resistors
• Low-Power CMOS Latches
Functional Diagram
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 29, 2015
Revision 2.0


Similar Part No. - MIC5801YV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5801YV MICROCHIP-MIC5801YV Datasheet
948Kb / 22P
4/8-Bit Parallel-Input Latched Drivers
09/14/21
MIC5801YV-TR MICROCHIP-MIC5801YV-TR Datasheet
948Kb / 22P
4/8-Bit Parallel-Input Latched Drivers
09/14/21
More results

Similar Description - MIC5801YV

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
4/8-Bit Parallel-Input Latched Drivers
MIC5821 MICREL-MIC5821 Datasheet
79Kb / 5P
8-Bit Serial-Input Latched Drivers
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
8-Bit Serial-Input Latched Drivers
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC5841 MICREL-MIC5841_06 Datasheet
163Kb / 8P
8-Bit Serial-Input Latched Drivers
MIC5800 MICREL-MIC5800_05 Datasheet
124Kb / 9P
4/8-Bit Parallel-Input Latched Drivers
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC5821 MICREL-MIC5821_05 Datasheet
84Kb / 8P
8-Bit Serial-Input Latched Drivers
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
8-Bit Parallel-Input Protected Latched Driver
logo
Microchip Technology
MIC5800 MICROCHIP-MIC5800 Datasheet
948Kb / 22P
4/8-Bit Parallel-Input Latched Drivers
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com