Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5801YV Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5801YV
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5801YV Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5801YV Datasheet HTML 1Page - Micrel Semiconductor MIC5801YV Datasheet HTML 2Page - Micrel Semiconductor MIC5801YV Datasheet HTML 3Page - Micrel Semiconductor MIC5801YV Datasheet HTML 4Page - Micrel Semiconductor MIC5801YV Datasheet HTML 5Page - Micrel Semiconductor MIC5801YV Datasheet HTML 6Page - Micrel Semiconductor MIC5801YV Datasheet HTML 7Page - Micrel Semiconductor MIC5801YV Datasheet HTML 8Page - Micrel Semiconductor MIC5801YV Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC5800/5801
Absolute Maximum Ratings
(1)
Output Voltage (VCE) ....................................................+50V
Supply Voltage (VDD)....................................................+15V
Input Voltage Range (VIN) ..................... –0.3V to VDD +0.3V
Storage Temperature Range (TS) .............–65°C to +125°C
Continuous Collector Current (IC)..............................500mA
ESD Rating
(3)................................................. ESD Sensitive
Operating Ratings
(2)
Package Power Dissipation, PD
MIC5800 SOIC ............................................................ 1.0W
Derate above TA = +25°C ....................................8.5mW/°C
MIC5801 PLCC .......................................................... 2.25W
Derate above TA = +25°C ..................................18.2mW/°C
MIC5801 Wide SOIC.................................................... 1.4W
Derate above TA = +25°C .....................................11mW/°C
Operating Temperature Range (TA)............ –40°C to +85°C
Electrical Characteristics
(4)
VDD = 5V, TA = 25°C, VA
≤ +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Limits
Units
Min.
Typ.
Max.
ICEX
Output Leakage Current
VCE = 50V, TA = +25°C
50
µA
VCE = 50V, TA = +70°C
100
VCE(SAT)
Collector-Emitter
Saturation Voltage
IC = 100mA
0.9
1.1
V
IC = 200mA
1.1
1.3
IC = 350mA, VDD = 7.0V
1.3
1.6
VIN(0)
Input Voltage (Low)
1.0
V
VIN(1)
Input Voltage (High)
VDD = 12V
10.5
VDD = 10V
8.5
VDD = 5V, Note 5
3.5
RIN
Input Resistance
VDD = 12V
50
200
k
Ω
VDD = 10V
50
300
VDD = 5V
50
600
IDD(ON)
(Each
Stage)
Supply Current ON
(Each Stage)
VDD = 12V, Outputs Open
1.0
2.0
mA
VDD = 10V, Outputs Open
0.9
1.7
VDD = 5V, Outputs Open
0.7
1.0
I DD(OFF)
(Total)
Supply Current OFF
(Total)
VDD = 12V, Outputs Open, Inputs = 0V
200
µA
VDD = 5V, Outputs Open, Inputs = 0V
50
100
IR
Clamp Diode
Leakage Current
VR = 50V, TA = +25°C
50
µA
VR = 50V, TA = +70°C
100
VF
Clamp Diode Forward Voltage
IF = 350mA
1.7
2.0
V
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
Micrel CMOS devices have input-static protection but are susceptible to damage when exposed to extremely high static electrical charges.
4.
Specification for packaged product only.
5.
Operation of these devices with standard TTL or DTL may require the use of appropriate pull-up resistors to insure a minimum logic “1”.
June 29, 2015
4
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com