| Electronic Components Datasheet Search |
|
USB5734-I/MR Datasheet(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5734-I/MR Datasheet(HTML) 20 Page - Microchip Technology |
|
20 / 61 page ![]() USB5734 DS00001854D-page 20 2015-2016 Microchip Technology Inc. 3.4.5.1 Configuration 1 - Mixed Mode When the CFG_STRAP is configured to this mode, the programmable function pins (PROG_FUNC[7:1]) are set to pro- vide an SMBus/I2C interface, 3 GPIOs, and FlexConnect capabilities. Table 3-16 details the PROG_FUNC[7:1] pin assignments in this mode. TABLE 3-16: CONFIGURATION 1 PROG_FUNC[7:1] FUNCTION ASSIGNMENT Pin Function Buffer Type Description PROG_FUNC1 GPIO1 I/O12 General Purpose Input/Output 1 PROG_FUNC2 GPIO2 I/O6 General Purpose Input/Output 2 PROG_FUNC3 GPIO3 I/O12 General Purpose Input/Output 3 PROG_FUNC4 SMDAT OD12 SMBus/I2C Data The SMBus/I2C interface acts as SMBus slave or I2C bridge dependent on the device configuration. Refer to Section 3.4.1, "SPI/SMBus/I2C/UART Configuration (I2C_SLV_CFG[1:0])". PROG_FUNC5 SMCLK OD12 SMBus/I2C Clock The SMBus/I2C interface acts as SMBus slave or I2C bridge dependent on the device configuration. Refer to Section 3.4.1, "SPI/SMBus/I2C/UART Configuration (I2C_SLV_CFG[1:0])". PROG_FUNC6 FLEXCMD IS FlexConnect Control 0: Normal Operation (Port 0 upstream, Port 1 downstream) 1: Flex Operation (Port 1 upstream, Port 0 downstream) Note: Refer to Section 8.2, "FlexConnect" for additional information. PROG_FUNC7 USB2_SUSP_IND O10 USB2.0 Suspend Indicator USB2_SUSP_IND can be used as a sideband remote wakeup signal for the host when in USB2.0 suspend. Note: Refer to Section 8.5, "Remote Wakeup Indicator" for additional information. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |