| Electronic Components Datasheet Search |
|
USB5734-I/MR Datasheet(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5734-I/MR Datasheet(HTML) 32 Page - Microchip Technology |
|
32 / 61 page ![]() USB5734 DS00001854D-page 32 2015-2016 Microchip Technology Inc. 6.0 DEVICE CONFIGURATION The device supports a large number of features (some mutually exclusive), and must be configured in order to correctly function when attached to a USB host controller. The hub can be configured either internally or externally depending on the implemented interface. Microchip provides a comprehensive software programming tool, Pro-Touch, for configuring the USB5734 functions, registers and OTP memory. All configuration is to be performed via the Pro-Touch programming tool. For additional infor- mation on the Pro-Touch programming tool, refer to the Software Libraries within the Microchip USB5734 product page at www.microchip.com/USB5734. 6.1 Customer Accessible Functions The following USB or SMBus accessible functions are available to the customer via the Pro-Touch Programming Tool. 6.1.1 USB ACCESSIBLE FUNCTIONS 6.1.1.1 I2C Bridging Access over USB Access to I2C devices is performed as a pass-through operation from the USB Host. The device firmware has no knowl- edge of the operation of the attached I2C device. For more information, refer to the Microchip USB5734 product page and SDK at www.microchip.com/USB5734. 6.1.1.2 SPI Access over USB Access to an attached SPI device is performed as a pass-through operation from the USB Host. The device firmware has no knowledge of the operation of the attached SPI device. For more information, refer to the Microchip USB5734 product page and SDK at www.microchip.com/USB5734. 6.1.1.3 UART Access over USB Access to UART devices is performed as a pass-through operation from the USB Host. The device firmware has no knowledge of the operation of the attached UART device. For more information, refer to the Microchip USB5734 product page and SDK at www.microchip.com/USB5734. 6.1.1.4 OTP Access over USB The OTP ROM in the device is accessible via the USB bus. All OTP parameters can be modified to the USB Host. The OTP operates in Single Ended mode. For more information, refer to the Microchip USB5734 product page and SDK at www.microchip.com/USB5734. 6.1.1.5 Battery Charging Access over USB The Battery charging behavior of the device can be dynamically changed by the USB Host when something other than the preprogrammed or OTP programmed behavior is desired. For more information, refer to the Microchip USB5734 product page and SDK at www.microchip.com/USB5734. Note: Device configuration straps and programmable pins are detailed in Section 3.4, "Configuration Straps and Programmable Functions," on page 17. Refer to Section 7.0, "Device Interfaces" for detailed information on each device interface. Note: For additional programming details, refer to the Pro-Touch programming tool. Note: Refer to Section 7.3, "I2C Bridge Interface," on page 34 for additional information on the I2C interface. Note: Refer to Section 7.1, "SPI Master Interface," on page 34 for additional information on the SPI. Note: Refer to Section 7.4, "Two Pin Serial Port (UART) Interface," on page 35 for additional information on the UART interface. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |