| Electronic Components Datasheet Search |
|
USB5734-I/MR Datasheet(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5734-I/MR Datasheet(HTML) 22 Page - Microchip Technology |
|
22 / 61 page ![]() USB5734 DS00001854D-page 22 2015-2016 Microchip Technology Inc. 3.4.5.3 Configuration 3 - Speed Indicator Mode When the CFG_STRAP is configured to this mode, the programmable function pins (PROG_FUNC[7:1]) are set to indi- cate speed status, host type, and provide an SMBus/I2C interface. Table 3-18 details the PROG_FUNC[7:1] pin assign- ments in this mode. TABLE 3-18: CONFIGURATION 3 PROG_FUNC[7:1] FUNCTION ASSIGNMENT Pin Function Buffer Type Description PROG_FUNC1 SPEED_IND1 O12 Port 1 Speed Indicator Tri-state: Not connected 0: USB 2.0 / USB 1.1 1: USB 3.1 Gen 1 PROG_FUNC2 SPEED_IND2 O6 Port 2 Speed Indicator Tri-state: Not connected 0: USB 2.0 / USB 1.1 1: USB 3.1 Gen 1 PROG_FUNC3 SPEED_IND3 O12 Port 3 Speed Indicator Tri-state: Not connected 0: USB 2.0 / USB 1.1 1: USB 3.1 Gen 1 PROG_FUNC4 SMDAT OD12 SMBus/I2C Data The SMBus/I2C interface acts as SMBus slave or I2C bridge dependent on the device configuration. Refer to Section 3.4.1, "SPI/SMBus/I2C/UART Configuration (I2C_SLV_CFG[1:0])". PROG_FUNC5 SMCLK OD12 SMBus/I2C Clock The SMBus/I2C interface acts as SMBus slave or I2C bridge dependent on the device configuration. Refer to Section 3.4.1, "SPI/SMBus/I2C/UART Configuration (I2C_SLV_CFG[1:0])". PROG_FUNC6 SPEED_IND4 O12 Port 4 Speed Indicator Tri-state: Not connected 0: USB 2.0 / USB 1.1 1: USB 3.1 Gen 1 PROG_FUNC7 HOST_TYPE O10 Port 0 USB Host Type Tri-state: No USB host detected on Port 0 0: USB 3.1 Gen 1 Host detected on Port 0 1: USB 2.0 or USB 1.1 Host detected on Port 0 A USB 2.0 Host is considered detected when the USB 2.0 hub address register holds a non-zero value. A USB 3.1 Gen 1 Host is considered detected when the USB 3.1 Gen 1 hub address register holds a non-zero value. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |