| Electronic Components Datasheet Search |
|
USB5734-I/MR Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5734-I/MR Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 61 page ![]() 2015-2016 Microchip Technology Inc. DS00001854D-page 13 USB5734 1 PRT_CTL3 I (PU) Port 3 Power Enable / Overcurrent Sense. As an output, this signal is an active high control signal used to enable power to the downstream port 3. As an input, this signal indicates an overcurrent condition from an external current monitor on USB port 3. 1 PRT_CTL4 I (PU) Port 4 Power Enable / Overcurrent Sense. As an output, this signal is an active high control signal used to enable power to the downstream port 4. As an input, this signal indicates an overcurrent condition from an external current monitor on USB port 4. GANG_PWR I (PU) When pulled high enables gang mode. Gang power pin when used in gang mode. TABLE 3-6: SPI/UART PIN DESCRIPTIONS Num Pins Symbol Buffer Type Description 1 SPI_CE_N O12 Active low SPI chip enable output. GPIO7 I/O12 General purpose input/output 7. CFG_NON_REM I Non-Removable Port Configuration Strap. This configuration strap is used to configure the number of non- removable ports. Refer to Section 3.4.3, "Non-Removable Port Con- figuration (CFG_NON_REM)" for more information. See Note 3. 1 SPI_CLK O6 SPI clock output to the serial ROM, when configured for SPI opera- tion. UART_RX I UART receive pin, when configured for UART operation. GPIO4 I/O6 General purpose input/output 4. I2C_SLV_CFG0 I I2C Slave 0 Configuration Strap. This configuration strap is used to configure I2C controller 0. Refer to Section 3.4.1, "SPI/SMBus/I2C/UART Configuration (I2C_SLV_CFG[1:0])" for additional information. 1 SPI_DO O6 SPI data output, when configured for SPI operation. UART_TX O12 UART transmit pin, when configured for UART operation. GPIO5 I/O6 General purpose input/output 5. I2C_SLV_CFG1 I I2C Slave 1 Configuration Strap. This configuration strap is used to configure I2C controller 1. Refer to Section 3.4.1, "SPI/SMBus/I2C/UART Configuration (I2C_SLV_CFG[1:0])" for additional information. TABLE 3-5: USB PORT CONTROL PIN DESCRIPTIONS (CONTINUED) Num Pins Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |