Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8740A Datasheet(PDF) 32 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 32 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 28Page - Microchip Technology LAN8740A Datasheet HTML 29Page - Microchip Technology LAN8740A Datasheet HTML 30Page - Microchip Technology LAN8740A Datasheet HTML 31Page - Microchip Technology LAN8740A Datasheet HTML 32Page - Microchip Technology LAN8740A Datasheet HTML 33Page - Microchip Technology LAN8740A Datasheet HTML 34Page - Microchip Technology LAN8740A Datasheet HTML 35Page - Microchip Technology LAN8740A Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 32
2013-2015 Microchip Technology Inc.
3.6.2
ALTERNATE INTERRUPT SYSTEM
The Alternate interrupt system is enabled by setting the ALTINT bit of the Mode Control/Status Register to “1”. In this
mode, to set an interrupt, set the corresponding bit of the in the Mask Register 30, (see Table 3-4). To Clear an interrupt,
either clear the corresponding bit in the Interrupt Mask Register to deassert the nINT output, or clear the interrupt
source, and write a ‘1’ to the corresponding Interrupt Source Flag. Writing a ‘1’ to the Interrupt Source Flag will cause
the state machine to check the Interrupt Source to determine if the Interrupt Source Flag should clear or stay as a ‘1’. If
the Condition to deassert is true, then the Interrupt Source Flag is cleared and nINT is also deasserted. If the Condition
to deassert is false, then the Interrupt Source Flag remains set, and the nINT remains asserted.
For example, setting the INT7 bit in the Interrupt Mask Register will enable the ENERGYON interrupt. After a cable is
plugged in, the ENERGYON bit in the Mode Control/Status Register goes active and nINT will be asserted low. To de-
assert the nINT interrupt output, either clear the ENERGYON bit in the Mode Control/Status Register by removing the
cable and then writing a ‘1’ to the INT7 bit in the Interrupt Mask Register, OR clear the INT7 mask (bit 7 of the Interrupt
Mask Register).
TABLE 3-4:
ALTERNATIVE INTERRUPT SYSTEM MANAGEMENT TABLE
Mask
Interrupt Source Flag
Interrupt Source
Event to
Assert nINT
Condition to
DeAssert
Bit to Clear
nINT
30.8
29.8
WoL
3.32784.7:4
nPME
Rising
3.32784.7:4
or’ed
3.32784.7:4
all low
29.8
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1
17.1 low
29.7
30.6
29.6
Auto-Negotiation
Complete
1.5
Auto-Negotiate
Complete
Rising 1.5
1.5 low
29.6
30.5
29.5
Remote Fault
Detected
1.4
Remote Fault
Rising 1.4
1.4 low
29.5
30.4
29.4
Link Down
1.2
Link Status
Falling 1.2
1.2 high
29.4
30.3
29.3
Auto-Negotiation
LP Acknowledge
5.14
Acknowledge
Rising 5.14
5.14 low
29.3
30.2
29.2
Parallel Detection
Fault
6.4
Parallel Detec-
tion Fault
Rising 6.4
6.4 low
29.2
30.1
29.1
Auto-Negotiation
Page Received
6.1
Page Received
Rising 6.1
6.1 low
29.1
Note:
The ENERGYON bit in the Mode Control/Status Register is defaulted to a ‘1’ at the start of the signal acqui-
sition process, therefore the INT7 bit in the Interrupt Mask Register will also read as a ‘1’ at power-up. If no
signal is present, then both ENERGYON and INT7 will clear within a few milliseconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com