Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8740A Datasheet(PDF) 46 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 46 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 42Page - Microchip Technology LAN8740A Datasheet HTML 43Page - Microchip Technology LAN8740A Datasheet HTML 44Page - Microchip Technology LAN8740A Datasheet HTML 45Page - Microchip Technology LAN8740A Datasheet HTML 46Page - Microchip Technology LAN8740A Datasheet HTML 47Page - Microchip Technology LAN8740A Datasheet HTML 48Page - Microchip Technology LAN8740A Datasheet HTML 49Page - Microchip Technology LAN8740A Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 46
2013-2015 Microchip Technology Inc.
3.8.11
CABLE DIAGNOSTICS
The LAN8740A/LAN8740Ai provides cable diagnostics which allow for open/short and length detection of the Ethernet
cable. The cable diagnostics consist of two primary modes of operation:
• Time Domain Reflectometry (TDR) Cable Diagnostics
TDR cable diagnostics enable the detection of open or shorted cabling on the TX or RX pair, as well as cable
length estimation to the open/short fault.
• Matched Cable Diagnostics
Matched cable diagnostics enable cable length estimation on 100 Mbps-linked cables.
Refer to the following sub-sections for details on proper operation of each cable diagnostics mode.
3.8.11.1
Time Domain Reflectometry (TDR) Cable Diagnostics
The LAN8740A/LAN8740Ai provides TDR cable diagnostics which enable the detection of open or shorted cabling on
the TX or RX pair, as well as cable length estimation to the open/short fault. To utilize the TDR cable diagnostics, Auto-
MDIX and Auto Negotiation must be disabled, and the LAN8740A/LAN8740Ai device must be forced to 100 Mb full-
duplex mode. These actions must be performed before setting the TDR Enable bit in the TDR Control/Status Register.
With Auto-MDIX disabled, the TDR will test the TX or RX pair selected by register bit 27.15 (AMDIXCTRL). Proper cable
testing should include a test of each pair. When TDR testing is complete, prior register settings may be restored. Figure
3-13 provides a flow diagram of proper TDR usage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com