Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8740A Datasheet(PDF) 35 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 35 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 31Page - Microchip Technology LAN8740A Datasheet HTML 32Page - Microchip Technology LAN8740A Datasheet HTML 33Page - Microchip Technology LAN8740A Datasheet HTML 34Page - Microchip Technology LAN8740A Datasheet HTML 35Page - Microchip Technology LAN8740A Datasheet HTML 36Page - Microchip Technology LAN8740A Datasheet HTML 37Page - Microchip Technology LAN8740A Datasheet HTML 38Page - Microchip Technology LAN8740A Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 35
LAN8740A/LAN8740Ai
3.7.4
REGOFF: INTERNAL +1.2 V REGULATOR CONFIGURATION
The incorporation of flexPWR technology provides the ability to disable the internal +1.2 V regulator. When the regulator
is disabled, an external +1.2 V must be supplied to the VDDCR pin. Disabling the internal +1.2 V regulator makes it
possible to reduce total system power, since an external switching regulator with greater efficiency (versus the internal
linear regulator) can be used to provide +1.2 V to the transceiver circuitry.
3.7.4.1
Disabling the Internal +1.2 V Regulator
To disable the +1.2 V internal regulator, a pull-up strapping resistor should be connected from the REGOFF configura-
tion strap to VDD2A. At power-on, after both VDDIO and VDD2A are within specification, the transceiver will sample
REGOFF to determine whether the internal regulator should turn on. If the pin is sampled at a voltage greater than VIH,
then the internal regulator is disabled and the system must supply +1.2 V to the VDDCR pin. The VDDIO voltage must
be at least 80% of the operating voltage level (1.44 V when operating at 1.8 V, 2.0 V when operating at 2.5 V, 2.64 V
when operating at 3.3 V) before voltage is applied to VDDCR. As described in Section 3.7.4.2, when REGOFF is left
floating or connected to VSS, the internal regulator is enabled and the system is not required to supply +1.2 V to the
VDDCR pin.
3.7.4.2
Enabling the Internal +1.2 V Regulator
The +1.2 V for VDDCR is supplied by the on-chip regulator unless the transceiver is configured for the regulator off mode
using the REGOFF configuration strap as described in Section 3.7.4.1. By default, the internal +1.2 V regulator is
enabled when REGOFF is floating (due to the internal pull-down resistor). During power-on, if REGOFF is sampled
below VIL, then the internal +1.2 V regulator will turn on and operate with power from the VDD2A pin.
3.7.5
nINTSEL: nINT/TXER/TXD4 CONFIGURATION
The nINT, TXER, and TXD4 functions share a common pin. There are two functional modes for this pin, the TXER/TXD4
mode and nINT (interrupt) mode. The nINTSEL configuration strap is latched at POR and on the rising edge of the nRST.
By default, nINTSEL is configured for nINT mode via the internal pull-up resistor.
Note:
Because the REGOFF configuration strap shares functionality with the LED1 pin, proper consideration
must also be given to the LED polarity. Refer to Section 3.8.1, "LEDs" for additional information on the rela-
tion between REGOFF and the LED1 polarity.
Note:
In order to utilize EEE, the nINT/TXER/TXD4 pin must be configured as TXER/TXD4.
Note:
Due to the multiplexing of nINT and TXER on the same pin, when EEE and WoL are both enabled, nINT
and/or nPME must be multiplexed on LED1 and/or LED2. Refer to Section 3.6, "Interrupt Management"
and Section 3.8.4, "Wake on LAN (WoL)" for additional information.
Note:
Because the nINTSEL configuration strap shares functionality with the LED2 pin, proper consideration
must also be given to the LED polarity. Refer to Section 3.8.1.6, "nINTSEL and LED2 Polarity Selection"
for additional information on the relation between nINTSEL and the LED2 polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com