Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8740A Datasheet(PDF) 17 Page - Microchip Technology

Part # LAN8740A
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740A Datasheet(HTML) 17 Page - Microchip Technology

Back Button LAN8740A Datasheet HTML 13Page - Microchip Technology LAN8740A Datasheet HTML 14Page - Microchip Technology LAN8740A Datasheet HTML 15Page - Microchip Technology LAN8740A Datasheet HTML 16Page - Microchip Technology LAN8740A Datasheet HTML 17Page - Microchip Technology LAN8740A Datasheet HTML 18Page - Microchip Technology LAN8740A Datasheet HTML 19Page - Microchip Technology LAN8740A Datasheet HTML 20Page - Microchip Technology LAN8740A Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 136 page
background image
2013-2015 Microchip Technology Inc.
DS00001987A-page 17
LAN8740A/LAN8740Ai
3.0
FUNCTIONAL DESCRIPTION
This chapter provides functional descriptions of the various device features. These features have been categorized into
the following sections:
• Transceiver
• Auto-Negotiation
• HP Auto-MDIX Support
• MAC Interface
• Serial Management Interface (SMI)
• Interrupt Management
• Configuration Straps
• Miscellaneous Functions
• Application Diagrams
3.1
Transceiver
3.1.1
100BASE-TX TRANSMIT
The 100BASE-TX transmit data path is shown in Figure 3-1. Each major block is explained in the following subsections.
3.1.1.1
100BASE-TX Transmit Data Across the MII/RMII Interface
For MII, the MAC controller drives the transmit data onto the TXD bus and asserts TXEN to indicate valid data. The data
is latched by the transceiver’s MII block on the rising edge of TXCLK. The data is in the form of 4-bit wide 25 MHz data.
For RMII, the MAC controller drives the transmit data onto the TXD bus and asserts TXEN to indicate valid data. The
data is latched by the transceiver’s RMII block on the rising edge of REF_CLK. The data is in the form of 2-bit wide 50
MHz data.
3.1.1.2
4B/5B Encoding
The transmit data passes from the MII/RMII block to the 4B/5B encoder. This block encodes the data from 4-bit nibbles
to 5-bit symbols (known as “code-groups”) according to Table 3-1. Each 4-bit data-nibble is mapped to 16 of the 32 pos-
sible code-groups. The remaining 16 code-groups are either used for control information or are not valid.
The first 16 code-groups are referred to by the hexadecimal values of their corresponding data nibbles, 0 through F. The
remaining code-groups are given letter designations with slashes on either side. For example, an IDLE code-group is
/I/, a transmit error code-group is /H/, etc.
FIGURE 3-1:
100BASE-TX TRANSMIT DATA PATH
MAC
Tx
Driver
MLT-3
Converter
NRZI
Converter
4B/5B
Encoder
CAT-5
RJ45
25 MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
Scrambler
and PISO
MII/RMII
25 MHz
by 4 bits
Ext Ref_CLK (for RMII only)
PLL
MII 25 MHz by 4 bits
or
RMII 50 MHz by 2 bits
MLT-3
Magnetics
125 Mbps Serial
TX_CLK
(for MII only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com