Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3411 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3411
Description  Precision Secondary Regulator/Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3411 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3411 Datasheet HTML 1Page - National Semiconductor (TI) LM3411 Datasheet HTML 2Page - National Semiconductor (TI) LM3411 Datasheet HTML 3Page - National Semiconductor (TI) LM3411 Datasheet HTML 4Page - National Semiconductor (TI) LM3411 Datasheet HTML 5Page - National Semiconductor (TI) LM3411 Datasheet HTML 6Page - National Semiconductor (TI) LM3411 Datasheet HTML 7Page - National Semiconductor (TI) LM3411 Datasheet HTML 8Page - National Semiconductor (TI) LM3411 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage V(IN)
20V
Output Current
20 mA
Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
Vapor Phase (60 sec.)
+215˚C
Infrared (15 sec.)
+220˚C
Power Dissipation (T
A = 25˚C) (Note
2)
300 mW
ESD Susceptibility (Note 3)
Human Body Model
1500V
See AN-450 “Surface Mounting Methods and Their Effect on
Product Reliability” for methods on soldering surface-mount
devices.
Operating Ratings (Notes 1, 2)
Ambient Temperature Range
−40˚C
≤ T
A ≤ +85˚C
Junction Temperature Range
−40˚C
≤ T
J ≤ +125˚C
Output Current
15 mA
LM3411-3.3 Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V(IN) = V
REG,VOUT = 1.5V.
Symbol
Parameter
Conditions
Typical
LM3411A-3.3
LM3411-3.3
Units
(Note 4)
Limit
Limit
(Limits)
(Note 5)
(Note 5)
V
REG
Regulation Voltage
I
OUT = 5 mA
3.3
V
3.317/3.333
3.333/3.366
V(max)
3.284/3.267
3.267/3.234
V(min)
Regulation Voltage
I
OUT = 5mA
±0.5/±1
±1/±2
%(max)
Tolerance
I
q
Quiescent Current
I
OUT = 5mA
85
µA
110/115
125/150
µA(max)
G
m
Transconductance
20 µA
≤ I
OUT ≤ 1 mA
3.3
mA/mV
∆I
OUT/∆VREG
1.5/0.75
1/0.50
mA/mV(min)
1mA
≤ I
OUT ≤ 15 mA
6.0
mA/mV
3.3/2.0
2.5/1.7
mA/mV(min)
A
V
Voltage Gain
1V
≤ V
OUT ≤ VREG − 1.2V (−1.3)
1000
V/V
∆V
OUT/∆VREG
R
L = 140Ω (Note 6)
550/250
450/200
V/V(min)
1V
≤ V
OUT ≤ VREG − 1.2V (−1.3)
3500
V/V
R
L = 2kΩ
1500/900
1000/700
V/V(min)
V
SAT
Output Saturation
V(IN) = V
REG +100 mV
1.0
V
(Note 7)
I
OUT = 15 mA
1.2/1.3
1.2/1.3
V(max)
I
L
Output Leakage
V(IN) = V
REG −100 mV
0.1
µA
Current
V
OUT = 0V
0.5/1.0
0.5/1.0
µA(max)
R
f
Internal Feedback
52
k
Ω
Resistor (Note 8)
65
65
k
Ω(max)
39
39
k
Ω(min)
E
n
Output Noise
I
OUT = 1 mA, 10 Hz ≤ f ≤ 10 kHz
50
µV
RMS
Voltage
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com