Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3411 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3411
Description  Precision Secondary Regulator/Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3411 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3411 Datasheet HTML 1Page - National Semiconductor (TI) LM3411 Datasheet HTML 2Page - National Semiconductor (TI) LM3411 Datasheet HTML 3Page - National Semiconductor (TI) LM3411 Datasheet HTML 4Page - National Semiconductor (TI) LM3411 Datasheet HTML 5Page - National Semiconductor (TI) LM3411 Datasheet HTML 6Page - National Semiconductor (TI) LM3411 Datasheet HTML 7Page - National Semiconductor (TI) LM3411 Datasheet HTML 8Page - National Semiconductor (TI) LM3411 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM3411
Precision Secondary Regulator/Driver
General Description
The LM3411 is a low power fixed-voltage (3.3V or 5.0V) pre-
cision shunt regulator designed specifically for driving an op-
toisolator to provide feedback isolation in a switching regula-
tor.
The LM3411 circuitry includes an internally compensated op
amp, a bandgap reference, NPN output transistor, and volt-
age setting resistors.
A trimmed precision bandgap reference with temperature
drift curvature correction, provides a guaranteed 1% preci-
sion over the operating temperature range (A grade version).
The amplifier’s inverting input is externally accessible for
loop frequency compensation when used as part of a larger
servo system. The output is an open-emitter NPN transistor
capable of driving up to 15 mA of load current.
Because of its small die size, the LM3411 has been made
available in the sub-miniature 5-lead SOT23-5 surface
mount package. This package is ideal for use in space criti-
cal applications.
Although its main application is to provide a precision output
voltage (no trimming required) and maintain very good regu-
lation in isolated DC/DC converters, it can also be used with
other types of voltage regulators or power semiconductors to
provide a precision output voltage without precision resistors
or trimming.
Features
n Fixed voltages of 3.3V and 5.0V with initial tolerance of
±1% for standard grade and ±0.5% for A grade
n Custom voltages available (3V–17V)
n Wide output current range, 20 µA–15 mA
n Low temperature coefficient
n Available in 5-lead SOT23-5 surface mount package
(tape and reel)
Applications
n Secondary controller for isolated DC/DC PWM switching
regulators systems
n Use with LDO regulator for high-precision fixed output
regulators
n Precision monitoring applications
n Use with many types of regulators to increase precision
and improve performance
Typical Application and Functional Diagram
SIMPLE SWITCHER™ is a tradmark of National Semiconductor Corporation.
DS011987-1
Basic Isolated DC/DC Converter
DS011987-2
LM3411 Functional Diagram
December 1999
© 1999 National Semiconductor Corporation
DS011987
www.national.com


Similar Part No. - LM3411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3411 TI1-LM3411 Datasheet
2Mb / 32P
Precision Secondary Regulator and Driver
LM3411-L TI1-LM3411-L Datasheet
1Mb / 31P
Precision Secondary Regulator and Driver
LM3411AM5-3.3/NOPB TI1-LM3411AM5-3.3/NOPB Datasheet
2Mb / 32P
Precision Secondary Regulator and Driver
LM3411AM5-5.0 TI1-LM3411AM5-5.0 Datasheet
2Mb / 32P
Precision Secondary Regulator and Driver
LM3411AM5-5.0/NOPB TI1-LM3411AM5-5.0/NOPB Datasheet
2Mb / 32P
Precision Secondary Regulator and Driver
More results

Similar Description - LM3411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
Secondary Side Synchronous Post Regulator
logo
List of Unclassifed Man...
STK7216 ETC-STK7216 Datasheet
119Kb / 2P
SECONDARY CHOPPER REGULATOR FOR VTR
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
Secondary Side Post Regulator Controller
logo
Linear Technology
LT4430ES6 LINER-LT4430ES6 Datasheet
2Mb / 20P
Secondary-Side Optocoupler Driver
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
logo
Texas Instruments
LM3411 TI-LM3411_15 Datasheet
1Mb / 24P
LM3411 Precision Secondary Regulator/Driver
logo
ON Semiconductor
NCP81178 ONSEMI-NCP81178 Datasheet
200Kb / 17P
Secondary Synchronous Rectifier Driver
July, 2015 ??Rev. 2
logo
Texas Instruments
LM3411 TI1-LM3411 Datasheet
2Mb / 32P
Precision Secondary Regulator and Driver
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
Secondary Side Synchronous Post Regulator
LM3411-L TI1-LM3411-L Datasheet
1Mb / 31P
Precision Secondary Regulator and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com