Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3411 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3411
Description  Precision Secondary Regulator/Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3411 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3411 Datasheet HTML 5Page - National Semiconductor (TI) LM3411 Datasheet HTML 6Page - National Semiconductor (TI) LM3411 Datasheet HTML 7Page - National Semiconductor (TI) LM3411 Datasheet HTML 8Page - National Semiconductor (TI) LM3411 Datasheet HTML 9Page - National Semiconductor (TI) LM3411 Datasheet HTML 10Page - National Semiconductor (TI) LM3411 Datasheet HTML 11Page - National Semiconductor (TI) LM3411 Datasheet HTML 12Page - National Semiconductor (TI) LM3411 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Applications Information (Continued)
Improved output voltage tolerance and regulation specifica-
tions are possible by combining the LM3411A with one of the
SIMPLE SWITCHER buck regulator IC’s, such as the
LM2574, LM2575, or LM2576. The circuit shown in
Figure 5
can provide a 5V, ±0.5% Output (1% over the operating tem-
perature range) without using any trim-pots or precision re-
sistors. Typical line regulation numbers area1mV change
on the output for a 8V–18V change on the input, and load
regulation of 1 mV with a load change from 100 mA–1A.
A DC-DC flyback converter that accepts a negative input
voltage, and delivers either a positive or negative output is
shown in
Figure 6. The circuit utilizes a buck regulator (such
as the LM2574, LM2575, or LM2576, depending on how
much output current is needed) operating in a flyback con-
figuration. The LM3411 provides the reference and the re-
quired level shifting circuitry needed to make the circuit work
correctly.
A unique feature of this circuit is the ability to ground either
the high or low side of the output, thus generating either a
negative or a positive output voltage. Although no isolation is
provided, with the addition of an opto-isolator and related
components, this circuit could provide input/output isolation.
Combining a LM3411A-5.0 with a 1A low dropout linear regu-
lator results in a 5V ±0.5% (1% over the operating tempera-
ture range) regulator with excellent regulation specifications,
with no trimming or 1% resistors needed.
An added benefit of this circuit (and also true of many of the
other circuits shown here) is the high-side and low-side re-
mote output voltage sensing feature. Sensing the output
voltage at the load eliminates the voltage drops associated
with wire resistance, thus providing near perfect load regula-
tion.
A 5V, 1A regulator circuit featuring low dropout, very good
regulation specifications, self protection features and allows
output voltage sensing is shown in
Figure 7. The regulator
used is a LM2941 adjustable low dropout positive regulator,
which also features an ON/OFF pin to provide a shutdown
feature.
DS011987-17
FIGURE 5. Precision 1A Buck Regulator
DS011987-18
FIGURE 6. Negative Input, Negative or Positive Output Flyback Regulator
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com