Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3411 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3411
Description  Precision Secondary Regulator/Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3411 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3411 Datasheet HTML 4Page - National Semiconductor (TI) LM3411 Datasheet HTML 5Page - National Semiconductor (TI) LM3411 Datasheet HTML 6Page - National Semiconductor (TI) LM3411 Datasheet HTML 7Page - National Semiconductor (TI) LM3411 Datasheet HTML 8Page - National Semiconductor (TI) LM3411 Datasheet HTML 9Page - National Semiconductor (TI) LM3411 Datasheet HTML 10Page - National Semiconductor (TI) LM3411 Datasheet HTML 11Page - National Semiconductor (TI) LM3411 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Applications Information
The LM3411 regulator/driver provides the reference and
feedback drive functions in a regulated power supply. It can
also be used together with many different types of regula-
tors, (both linear and switching) as well as other power semi-
conductor devices to add precision and improve regulation
specifications. Output voltage tolerances better than 0.5%
are possible without using trim pots or precision resistors.
One of the main applications of the LM3411 is to drive an
opto-isolator to provide feedback signal isolation in a switch-
ing regulator circuit. For low current applications, (up to 250
mA) the circuit shown in
Figure 3 provides good regulation
and complete input/output electrical isolation.
For an input voltage of 15V, this circuit can provide an output
of either 3.3V or 5V with a load current up to 250 mA with ex-
cellent regulation characteristics. With the part values
shown, this circuit operates at 80 kHz., and can be synchro-
nized to a clock or an additional LM3578. (See LM1578 data
sheet for additional information.)
An isolated DC/DC flyback converter capable of higher out-
put current is shown in
Figure 4. This circuit utilizes the
LM2577 SIMPLE SWITCHER™ voltage regulator for the
Pulse Width Modulation (PWM), power switch and protection
functions, while the LM3411 provides the voltage reference,
gain and opto coupler drive functions. In this circuit, the ref-
erence and error amplifier in the LM2577 are not used (note
that the feedback pin is grounded). The gain is provided by
the LM3411. Since the voltage reference is located on the
secondary side of the transformer, this circuit provides very
good regulation specifications.
The output of a switching regulator typically will contain a
small ripple voltage at the switching frequency and may also
contain voltage transients. These transient voltage spikes
can be sensed by the LM3411 and could give an incorrect
regulation voltage. An RC filter consisting of a 1
Ω resistor
and a 100 nF capacitor will filter these transients and mini-
mize this problem. The 1
Ω resistor should be located on the
ground side of the LM3411, and the capacitor should be
physically located near the package.
DS011987-15
FIGURE 3. Isolated 250 mA Flyback Switching Regulator
DS011987-16
FIGURE 4. Isolated 1.5A Flyback Switching Regulator Using a LM2577
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com