Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3460 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3460
Description  Precision Controller for GTLp and GTL Bus Termination
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3460 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3460 Datasheet HTML 1Page - National Semiconductor (TI) LM3460 Datasheet HTML 2Page - National Semiconductor (TI) LM3460 Datasheet HTML 3Page - National Semiconductor (TI) LM3460 Datasheet HTML 4Page - National Semiconductor (TI) LM3460 Datasheet HTML 5Page - National Semiconductor (TI) LM3460 Datasheet HTML 6Page - National Semiconductor (TI) LM3460 Datasheet HTML 7Page - National Semiconductor (TI) LM3460 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage V
IN
20V
Output Current
20 mA
Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
Vapor Phase (60 sec.)
Infared (15 sec.)
+215˚C
+220˚C
Power Dissipation (T
A = 25˚C)
(Note 2)
300 mW
ESD Susceptibility (Note 3)
Human Body Model
1500V
See AN-450
″Surface Mounting Methods and Their Effect
on Product Reliability
″ for methods on soldering surface
mount devices.
Operating Ratings (Note 1), (Note 2)
Ambient Temperature Range
0˚C
≤ T
A ≤ +70˚C
Output Current
1 mA
Electrical Characteristics
LM3460-1.5
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Temperature
Range. Unless otherwise specified, (+)IN = V
REG,VOUT = 200 mV
Symbol
Parameter
Conditions
Typ (Note 4)
Limit (Note 5)
Units
V
REG
Regulated Voltage
I
OUT = 1 mA
1.5
1.515/ 1.530
1.485/1.470
V (max)
V (min)
Regulated Voltage
Tolerance
I
OUT = 1mA
±1/ ±2
% (max)
I
q
Quiescent Current
I
OUT = 1 mA
85
125/150
µA (max)
G
m
Transconductance
∆I
OUT / ∆VREG
20µA
≤ I
OUT ≤ 1mA
V
OUT = 500 mV
3.3
1/0.5
mA/mV
(min)
V
SAT
Output Saturation
Voltage(Note 6)
V
IN = VREG + 100 mV
I
OUT = 1mA
0.8
0.95
V (max)
I
L
Output Leakage
Current
V
IN = VREG − 100 mV
V
OUT = 0V
0.1
0.5/1.0
µA (max)
R
F
Internal Feedback
Resistor (See
Functional Diagram)
7.1
8.9
5.3
k
Ω(max)
k
Ω(min)
E
n
Output Noise Voltage
I
OUT = 1 mA, 10 Hz ≤ f ≤ 10kHz
50
µV (rms)
Electrical Characteristics
LM3460-1.2
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Temperature
Range. Unless otherwise specified, (+)IN = V
REG,VOUT = 200 mV
Symbol
Parameter
Conditions
Typ (Note 4)
Limit (Note 5)
Units
V
REG
Regulated Voltage
I
OUT = 1 mA
1.220
1.232/ 1.244
1.208/1.196
V (max)
V (min)
Regulated Voltage
Tolerance
I
OUT = 1mA
±1/ ±2
% (max)
I
q
Quiescent Current
I
OUT = 1 mA
85
125/150
µA (max)
G
m
Transconductance
∆I
OUT / ∆VREG
20µA
≤ I
OUT ≤ 1mA
V
OUT = 200 mV
3.3
1/0.5
mA/mV
(min)
V
SAT
Output Saturation
Voltage(Note 6)
V
IN = VREG + 100 mV
I
OUT = 1mA
0.8
0.95
V (max)
I
L
Output Leakage
Current
V
IN = VREG − 100 mV
V
OUT = 0V
0.1
0.5/1.0
µA (max)
R
F
Internal Feedback
Resistor (See
Functional Diagram)
10
12.5
7.5
k
Ω(max)
k
Ω(min)
E
n
Output Noise Voltage
I
OUT = 1 mA, 10 Hz ≤ f ≤ 10kHz
50
µV (rms)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com