Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3460 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3460
Description  Precision Controller for GTLp and GTL Bus Termination
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3460 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM3460 Datasheet HTML 1Page - National Semiconductor (TI) LM3460 Datasheet HTML 2Page - National Semiconductor (TI) LM3460 Datasheet HTML 3Page - National Semiconductor (TI) LM3460 Datasheet HTML 4Page - National Semiconductor (TI) LM3460 Datasheet HTML 5Page - National Semiconductor (TI) LM3460 Datasheet HTML 6Page - National Semiconductor (TI) LM3460 Datasheet HTML 7Page - National Semiconductor (TI) LM3460 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Setting the Output Voltage (Continued)
The simplest way to calculate the resistor values is to as-
sume a value for R
A and then solve the equation shown for
R
B.
To assure best output voltage accuracy, the value selected
for R
A should be < 500Ω, and 1% tolerance resistors should
be used.
As the ohmic value of R
A is increased, the internal resistive
divider inside the LM3460 will cause the output voltage to
deviate from the value predicted by the formula shown.
App Circuit Technical Information
Figure 1 and Figure 2 highlight two applications of the
LM3460. This section provides details of circuit function.
1.5V/7A TYPICAL APPLICATION
Figure 1 shows the schematic of a wide-bandwidth linear
regulator which provides a regulated 1.5V output at up to 7A
of load current from a 3V-3.6V input.
The pass element of the regulator (which supplies the load
current) is made up of a three-transistor complimentary Dar-
lington composed of Q2, Q3, and Q4. The bias current flow-
ing through R1 will drive the pass element ON, until such
time as Q1 pulls down and takes the drive away from the
base of Q2.
The circuit regulates the output to 1.5V using the LM3460
precision controller, which sources current from its output
whenever the voltage at the IN pin reaches 1.5V.
When the LM3460 sources current from its output, it turns on
Q1 (stealing the base drive for Q2) which reduces the cur-
rent from the 1.5V regulated output. In this way, a negative
feedback loop is established which locks the output at 1.5V.
C1 and C2 are used for compensation, and should be ce-
ramic capacitors.
C4 is required for regulator stability, and both C3 and C4 af-
fect transient response. Circuit performance should be care-
fully evaluated if substitutions are made for these two com-
ponents.
PERFORMANCE DATA
All data taken at 20˚C ambient:
LOAD/LINE REGULATION: The output voltage changed
<0.1 mV as the load was increased from 0-7A, and the input
voltage was varied from 3.0V-3.6V.
DROPOUT VOLTAGE: The dropout voltage (which is de-
fined as the minimum input-output voltage differential re-
quired to maintain a regulated output) was measured at 7A
and found to be 1.4V. This means that a minimum input volt-
age of 2.9V is required to keep the 1.5V output in regulation.
TRANSIENT RESPONSE: Transient response was tested
using a 0.2
Ω power resistor connected to the output using a
mechanical contact to provide a 0-7A load current step.
When the load was applied, the change in output voltage
was seen to be < 5 mV with a total recovery time of about 30
µs (see
Figure 5).
HEATSINKING/COMPONENT SELECTION
HEATSINKING: As with
any linear regulator, the power dissi-
pated in the pass transistor (Q4) is approximately:
P = (V
IN−VOUT)XILOAD
Q4 must be provided with adequate heatsinking so that the
junction temperature never exceeds 150˚C.
Figure 6 shows the maximum allowable values of thermal
resistance (from heatsink-to-ambient) that must be provided
for various values of the load current.
These values are calculated assuming a maximum ambient
of 50˚C, 3.3V input, and a TO-220 power transistor mounted
using thermal grease and a mica insulator.
DS012603-10
FOR BEST RESULTS: SELECT R
A < 500Ω
FIGURE 4. Setting the Output Voltage
DS012603-11
FIGURE 5. Output Transient Response
DS012603-12
FIGURE 6. Q4 Heatsink Requirements for Circuit
Shown in
Figure 1
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com