Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3460 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3460
Description  Precision Controller for GTLp and GTL Bus Termination
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3460 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM3460 Datasheet HTML 1Page - National Semiconductor (TI) LM3460 Datasheet HTML 2Page - National Semiconductor (TI) LM3460 Datasheet HTML 3Page - National Semiconductor (TI) LM3460 Datasheet HTML 4Page - National Semiconductor (TI) LM3460 Datasheet HTML 5Page - National Semiconductor (TI) LM3460 Datasheet HTML 6Page - National Semiconductor (TI) LM3460 Datasheet HTML 7Page - National Semiconductor (TI) LM3460 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
App Circuit Technical Information
(Continued)
A given thermal resistance can be obtained by using differ-
ent combinations of heatsink and airflow (refer to heatsink
manufacturers datasheets).
The design tradeoff here is that heatsinks which are smaller,
lighter, and cheaper require more airflow to get the desired
value of thermal resistance.
TRANSIENT RESPONSE: If the regulator is to respond
quickly to changes in load current demand, the input and
output capacitors must be selected carefully.
The output capacitor C4 is most critical, as it must supply
current to the load in the time it takes the regulator loop to
sense the output voltage change and turn on the pass tran-
sistor. A Sanyo Oscon type (or equivalent) will give the best
performance here.
The input capacitor C3 is also important, as it provides an
energy reservoir from which the regulator sources current to
force the output back up to the nominal value. A good, low
ESR electrolytic such as a Panasonic HFQ type is a good
choice for C3.
LAYOUT TIPS: In order to optimize performance, parasitic
inductance due to connecting traces must be minimized. All
paths shown as heavy lines on the schematic must be made
by traces which are wide and short as possible (component
placement should be optimized for minimum lead length).
POWER TRANSISTOR AND DRIVER: The power transistor
used at Q4 must have very good current gain at 7A, and
wide bandwidth (high f
T) for this circuit to work as specified.
The D44H8 is an excellent choice for cost and performance.
The current gain of Q4 dictates the power dissipation in its
driver (Q3) which must supply the base current to Q4. If the
gain of Q4 is lowered, Q3 must source more current into its
base (and the power dissipation in Q3 goes up proportion-
ately).
The D44H8 has a guaranteed minimum gain of 40 @ 4A, with
typical gain much higher. Assuming the gain of Q4 is about
30% lower at 7A, it will still be > 28. Therefore, to support 7A
of load current, Q3 must supply 250 mA to the base of Q4
(worst case).
The power dissipation in Q3 (assuming 3.3V input) will never
exceed approximately 250 mW, which is easily handled by
2N3906 in a TO-92 case (which has a thermal resistance of
about 180˚C/W), but could be a problem for a very small sur-
face mount device.
If substitutions are made for Q3 or Q4, careful attention must
be paid to the current gain as well as the f
T.
TRANSISTOR BANDWIDTH: Fast transient response that
the regulator be able to respond quickly to any change in
output voltage (which will occur if the current drawn by the
load suddenly changes).
All of the transistors specified in the schematic are very
wide-band devices (have high f
T values) which is necessary
for fast response. If substitutions are made for any of the
transistors, this specification must be considered.
1.2V/7A TYPICAL APPLICATION
The 1.2V @ 7A design in
Figure 2 is very similar in function
to the design shown in
Figure 1. Most of the circuit descrip-
tions previously detailed for that circuit apply unchanged to
Figure 2, will not be repeated.
Detailed information will be presented in the areas which dif-
fer between the two circuits.
HEATSINKING
The 1.2V design needs a little more heatsinking because the
lower output voltage means more power dissipation in Q4 at
any value of load current.
Figure 7 shows the maximum allowable values of thermal
resistance (from heatsink-to-ambient) that must be provided
for various values of the load current.
Q1 DRIVE CIRCUITRY
In the circuit shown in
Figure 1, the output of U1 drives the
base of Q1 with current when the voltage at V
OUT reaches
the regulation point. As Q1 turns ON, it steals drive from Q2
which holds the loop in regulation.
The circuit of
Figure 2 uses a different drive configuration for
Q1, required because of the lower voltage across U1.
With only 1.2V across U1, the OUT pin of the LM3460 can-
not swing up high enough in voltage to turn on the V
BE of Q1.
In the circuit of
Figure 2, drive for Q1 is provided by R7, but
only when U1 sources current: The operation of the drive
scheme is as follows:
If the voltage at V
OUT is below 1.2V, no current flows from
the OUT pin of U1. Q1 is held OFF as the current flowing
down through R7 goes through D1 and R5 to ground.
IMPORTANT: Diode D1 is a 1N4001 because its V
F must be
much less than the V
BE of Q1 (a signal diode like 1N4148 will
not work here).
When U1 is not sourcing current, the voltage at the OUT pin
(and the cathode of D1) will be held at about 50 mV by the
R7/D1/R5 divider. The current flowing to ground through
these components is about 110 µA.
Because D1 is a 1A power diode, the V
F across D1 at this
small value of current will be much less than the V
BE needed
to turn ON Q1 (so Q1 is held off by D1).
When U1 begins to source current (to cut off the pass tran-
sistor and regulate V
OUT) it forces the voltage at the cathode
of D1 to rise.
This action causes the current that was flowing through D1
to flow into the base of Q1, turning it ON and taking drive
away from the base of Q2.
This action provides the negative feedback required to regu-
late V
OUT and allows the LM3460 to operate with only 1.2V
of total supply voltage across the device.
DS012603-13
FIGURE 7. Q4 Heatsink Requirements for Circuit
shown in
Figure 2
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com