Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3460 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3460
Description  Precision Controller for GTLp and GTL Bus Termination
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3460 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3460 Datasheet HTML 1Page - National Semiconductor (TI) LM3460 Datasheet HTML 2Page - National Semiconductor (TI) LM3460 Datasheet HTML 3Page - National Semiconductor (TI) LM3460 Datasheet HTML 4Page - National Semiconductor (TI) LM3460 Datasheet HTML 5Page - National Semiconductor (TI) LM3460 Datasheet HTML 6Page - National Semiconductor (TI) LM3460 Datasheet HTML 7Page - National Semiconductor (TI) LM3460 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM3460-1.2, -1.5
Precision Controller for GTLp and GTL Bus Termination
General Description
The LM3460 is a monolithic integrated circuit designed for
precision control of GTLplus and GTL Bus termination. This
controller is available in a tiny SOT23-5 package, and in-
cludes an internally compensated op amp, a bandgap refer-
ence, an NPN output transistor, and voltage setting resistors.
A trimmed precision bandgap voltage reference utilizes tem-
perature drift curvature correction for excellent voltage stabil-
ity over the operating range. The precision output control en-
ables the termination voltage to maintain tight regulation,
despite fast switching requirements on the bus.
The LM3460 controller is designed to be used with a high
current (> 7A) NPN pass transistor to provide the high cur-
rent needed for the bus termination. The wide bandwidth of
the feedback loop provides excellent transient response,
and greatly reduces the output capacitance required, thus
reducing cost and board space requirements.
Features
n Precision output (1%)
n Output voltage can be adjusted
n Extremely fast transient response in GTLp and GTL bus
termination
n Tiny SOT23-5 package
n Output voltage capability for GTL or GTLp
n Low temperature coefficient
Applications
n GTL bus termination (1.2V output 7A)
n GTLp bus termination (1.5V output 7A)
n Adjustable high-current linear regulator
Connection Diagram and Package Information
Ordering Information
Voltage
Order Number
Package Marking
Supplied As
1.5
LM3460M5-1.5
D06A
250 Unit Increments on Tape and Reel
1.5
LM3460M5X-1.5
D06A
3k Unit Increments on Tape and Reel
1.2
LM3460M5-1.2
D09A
250 Unit Increments on Tape and Reel
1.2
LM3460M5X-1.5
D09A
3k Unit Increments on Tape and Reel
MARKING CODE: The first letter
″D″ identifies the part as a Driver, and the next two numbers define the voltage for the part. The fourth letter indicates the
grade, with
″A″ designating the prime grade of product.
AVAILABILITY: The SOT23-5 package is only available in quantity of 250 on tape and reel (designated by the letters
″M5″ in the part number), or in quantity
of 3000 on tape and reel (indicated by the letters
″M5X″ in the part number).
DS012603-1
*This resistor is not used on the LM3460-1.2.
LM3460 Functional Diagram
5-Lead Outline Package (M5)
Actual Size
DS012603-2
DS012603-3
*No internal connection, but should be soldered to PC board for best heat
transfer.
Top View
See NS package Number MA05B
May 1999
© 1999 National Semiconductor Corporation
DS012603
www.national.com


Similar Part No. - LM3460

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM346 STMICROELECTRONICS-LM346 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
LM346 STMICROELECTRONICS-LM346 Datasheet
149Kb / 4P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2003
logo
National Semiconductor ...
LM346 NSC-LM346 Datasheet
1Mb / 24P
LM146/LM346 Programmable Quad Operational Amplifiers
logo
Texas Instruments
LM346 TI1-LM346 Datasheet
1Mb / 24P
Programmable Quad Operational Amplifiers
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
More results

Similar Description - LM3460

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
logo
California Micro Device...
PAC560GTL CALMIRCO-PAC560GTL Datasheet
254Kb / 3P
HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
California Micro Device...
PACGTL CALMIRCO-PACGTL Datasheet
515Kb / 3P
HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
logo
Micrel Semiconductor
MIC5162 MICREL-MIC5162 Datasheet
151Kb / 11P
Dual Regulator Controller For High-Speed Bus Termination
logo
Texas Instruments
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com