Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF064C Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25VF064C
Description  64 Mbit SPI Serial Dual I/O Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF064C Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25VF064C Datasheet HTML 17Page - Microchip Technology SST25VF064C Datasheet HTML 18Page - Microchip Technology SST25VF064C Datasheet HTML 19Page - Microchip Technology SST25VF064C Datasheet HTML 20Page - Microchip Technology SST25VF064C Datasheet HTML 21Page - Microchip Technology SST25VF064C Datasheet HTML 22Page - Microchip Technology SST25VF064C Datasheet HTML 23Page - Microchip Technology SST25VF064C Datasheet HTML 24Page - Microchip Technology SST25VF064C Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
©2015 Silicon Storage Technology, Inc.
DS20005036C
04/15
21
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C
EOL Data Sheet
Program Security ID
The Program SID instruction programs one to 24 bytes of data in the user-programmable, Security ID
space. The device ignores a Program SID instruction pointing to an invalid or protected address, see
Table 7. Prior to the program operation, execute WREN.
To execute a Program SID operation, the host drives CE# low, sends the Program SID command cycle
(A5H), one address cycle, the data to be programmed, then drives CE# high. The programmed data
must be between 1 to 24 Bytes and in whole Byte increments. To determine the completion of the inter-
nal, self-timed Program SID operation, poll the BUSY bit in the software status register, or wait TPSID
for the completion of the internal self-timed Program SID operation.
Read-Status-Register (RDSR)
The Read-Status-Register (RDSR) instruction allows reading of the status register. The status register
may be read at any time even during a Write (Program/Erase) operation. When a Write operation is in
progress, the Busy bit may be checked before sending any new commands to assure that the new
commands are properly received by the device. CE# must be driven low before the RDSR instruction is
entered and remain low until the status data is read. Read-Status-Register is continuous with ongoing
clock cycles until it is terminated by a low to high transition of the CE#. See Figure 16 for the RDSR
instruction sequence.
Figure 16:Read-Status-Register (RDSR) Sequence
Table 7: Program Security ID
Program Security ID
Address Range
Pre-Programmed at factory
00H – 07H
User Programmable
08H – 1FH
T7.0
25036
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1392 F17.0
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05
MODE 0
HIGH IMPEDANCE
Status
Register Out
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com